Electronic Components Datasheet Search
  English  ▼

X  

DM385 Datasheet(PDF) 250 Page - Texas Instruments

Click here to check the latest version.
Part # DM385
Description  DM385 and DM388 DaVinci??Digital Media Processor
PDF  281 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DM385 Datasheet(HTML) 250 Page - Texas Instruments

Back Button DM385 Datasheet HTML 246Page - Texas Instruments DM385 Datasheet HTML 247Page - Texas Instruments DM385 Datasheet HTML 248Page - Texas Instruments DM385 Datasheet HTML 249Page - Texas Instruments DM385 Datasheet HTML 250Page - Texas Instruments DM385 Datasheet HTML 251Page - Texas Instruments DM385 Datasheet HTML 252Page - Texas Instruments DM385 Datasheet HTML 253Page - Texas Instruments DM385 Datasheet HTML 254Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 281 page
background image
DM385, DM388
SPRS821D – MARCH 2013 – REVISED DECEMBER 2013
www.ti.com
Table 8-71. Data Routing Specification(1)
NO.
PARAMETER
MIN
TYP
MAX
UNIT
1
DB0 nominal length(2)(3)
DQLM0
mils
2
DB1 nominal length(2)(4)
DQLM1
mils
3
DB2 nominal length(2)(5)
DQLM2
mils
4
DB3 nominal length(2)(6)
DQLM3
mils
5
DBn skew(7)
25
mils
6
DQSn+ to DQSn- skew
5
mils
7
DQSn to DBn skew(7)(8)
25
mils
8
Center-to-center DBn to other DDR3 trace spacing(9)(10)
4w
9
Center-to-center DBn to other DBn trace spacing (9)(11)
3w
10
DQSn center-to-center spacing(12)
11
DQSn center-to-center spacing to other net(9)
4w
(1)
External termination disallowed. Data termination should use built-in ODT functionality.
(2)
DQLMn is the longest Manhattan distance of a byte. r definition, see Section 8.13.3.16.2 and Figure 8-82.
(3)
DQLM0 is the longest Manhattan length for the net classes of Byte 0.
(4)
DQLM1 is the longest Manhattan length for the net classes of Byte 1.
(5)
DQLM2 is the longest Manhattan length for the net classes of Byte 2.
(6)
DQLM3 is the longest Manhattan length for the net classes of Byte 3.
(7)
Length matching is only done within a byte. Length matching across bytes is neither required nor recommended.
(8)
Each DQS pair is length matched to its associated byte.
(9)
Center-to-center spacing is allowed to fall to minimum (2w) for up to 1250 mils of routed length.
(10) Other DDR3 trace spacing means other DDR3 net classes not within the byte.
(11) This applies to spacing within the net classes of a byte.
(12) DQS pair spacing is set to ensure proper differential impedance.
250
Peripheral Information and Timings
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Links: DM385 DM388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com