Electronic Components Datasheet Search
  English  ▼

X  

100PS Datasheet(PDF) 5 Page - NXP Semiconductors

Part # 100PS
Description  N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

100PS Datasheet(HTML) 5 Page - NXP Semiconductors

  100PS Datasheet HTML 1Page - NXP Semiconductors 100PS Datasheet HTML 2Page - NXP Semiconductors 100PS Datasheet HTML 3Page - NXP Semiconductors 100PS Datasheet HTML 4Page - NXP Semiconductors 100PS Datasheet HTML 5Page - NXP Semiconductors 100PS Datasheet HTML 6Page - NXP Semiconductors 100PS Datasheet HTML 7Page - NXP Semiconductors 100PS Datasheet HTML 8Page - NXP Semiconductors 100PS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
NXP Semiconductors
PSMN5R6-100PS
N-channel 100 V 5.6 mΩ standard level MOSFET in TO220
PSMN5R6-100PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
30 November 2012
5 / 13
7. Characteristics
Table 7.
Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
ID = 250 µA; VGS = 0 V; Tj = 25 °C
100
-
-
V
V(BR)DSS
drain-source
breakdown voltage
ID = 250 µA; VGS = 0 V; Tj = -55 °C
90
-
-
V
VGS(th)
gate-source threshold
voltage
ID = 1 mA; VDS = VGS; Tj = 25 °C;
Fig. 8; Fig. 9
2
3
4
V
ID = 1 mA; VDS = VGS; Tj = 175 °C;
Fig. 9
1
-
-
V
VGSth
gate-source threshold
voltage
ID = 1 mA; VDS = VGS; Tj = -55 °C;
Fig. 9
-
-
4.6
V
VDS = 100 V; VGS = 0 V; Tj = 25 °C
-
0.02
10
µA
IDSS
drain leakage current
VDS = 100 V; VGS = 0 V; Tj = 175 °C
-
-
500
µA
VGS = -20 V; VDS = 0 V; Tj = 25 °C
-
2
100
nA
IGSS
gate leakage current
VGS = 20 V; VDS = 0 V; Tj = 25 °C
-
2
100
nA
VGS = 10 V; ID = 25 A; Tj = 175 °C;
Fig. 10
-
-
15.7
mΩ
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 25 A; Tj = 25 °C;
Fig. 11; Fig. 12
-
4.3
5.6
mΩ
RG
gate resistance
f = 1 MHz
-
0.97
-
Ω
Dynamic characteristics
QG(tot)
total gate charge
-
141
-
nC
QGS
gate-source charge
-
36
-
nC
QGD
gate-drain charge
ID = 80 A; VDS = 50 V; VGS = 10 V;
Fig. 13; Fig. 14
-
43
-
nC
Ciss
input capacitance
VDS = 50 V; VGS = 0 V; f = 1 MHz;
Tj = 25 °C; Fig. 15; Fig. 16
-
8061
-
pF
Coss
output capacitance
VDS = 50 V; VGS = 0 V; f = 1 MHz;
Tj = 25 °C; Fig. 15
-
561
-
pF
Crss
reverse transfer
capacitance
VDS = 50 V; VGS = 0 V; f = 1 MHz;
Tj = 25 °C; Fig. 15; Fig. 16
-
330
-
pF
td(on)
turn-on delay time
-
31
-
ns
tr
rise time
-
46
-
ns
td(off)
turn-off delay time
-
83
-
ns
tf
fall time
VDS = 50 V; RL = 0.6 Ω; VGS = 10 V;
RG(ext) = 1.5 Ω
-
34
-
ns
Source-drain diode
VSD
source-drain voltage
IS = 25 A; VGS = 0 V; Tj = 25 °C; Fig. 17
-
0.79
1.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com