Electronic Components Datasheet Search
  English  ▼

X  

100PS Datasheet(PDF) 1 Page - NXP Semiconductors

Part # 100PS
Description  N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

100PS Datasheet(HTML) 1 Page - NXP Semiconductors

  100PS Datasheet HTML 1Page - NXP Semiconductors 100PS Datasheet HTML 2Page - NXP Semiconductors 100PS Datasheet HTML 3Page - NXP Semiconductors 100PS Datasheet HTML 4Page - NXP Semiconductors 100PS Datasheet HTML 5Page - NXP Semiconductors 100PS Datasheet HTML 6Page - NXP Semiconductors 100PS Datasheet HTML 7Page - NXP Semiconductors 100PS Datasheet HTML 8Page - NXP Semiconductors 100PS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
PSMN5R6-100PS
N-channel 100 V 5.6 mΩ standard level MOSFET in TO220
30 November 2012
Product data sheet
Scan or click this QR code to view the latest information for this product
1. Product profile
1.1 General description
Standard level N-channel MOSFET in a TO-220 package qualified to 175 °C. This
product is designed and qualified for use in a wide range of industrial, communications
and domestic equipment.
1.2 Features and benefits
• High efficiency due to low switching and conduction losses
• Improved dynamic avalanche performance
• Suitable for standard level gate drive sources
1.3 Applications
• DC-to-DC converters
• Load switching
• Motor control
• Server power supplies
1.4 Quick reference data
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDS
drain-source voltage
Tj ≥ 25 °C; Tj ≤ 175 °C
-
-
100
V
ID
drain current
Tmb = 25 °C; VGS = 10 V; Fig. 1
[1]
-
-
100
A
Ptot
total power dissipation Tmb = 25 °C; Fig. 2
-
-
306
W
Static characteristics
RDSon
drain-source on-state
resistance
VGS = 10 V; ID = 25 A; Tj = 25 °C;
Fig. 11; Fig. 12
-
4.3
5.6
mΩ
Dynamic characteristics
QGD
gate-drain charge
-
43
-
nC
QG(tot)
total gate charge
VGS = 10 V; ID = 80 A; VDS = 50 V;
Fig. 13; Fig. 14
-
141
-
nC
Avalanche Ruggedness
EDS(AL)S
non-repetitive drain-
source avalanche
energy
VGS = 10 V; Tj(init) = 25 °C; ID = 100 A;
Vsup ≤ 100 V; RGS = 50 Ω; unclamped
-
-
469
mJ


Similar Part No. - 100PS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
100PS VISHAY-100PS Datasheet
89Kb / 7P
Aluminum Capacitors 85 °C, Miniature, Axial Lead
12-Apr-12
logo
NXP Semiconductors
100PS NXP-100PS Datasheet
213Kb / 13P
N-channel 100 V 5.6 m廓 standard level MOSFET
Rev. 01-23 November 2009
logo
Micro Commercial Compon...
100PS MCC-100PS Datasheet
331Kb / 2P
20 Amp Schottky Barrier Rectifier 100 Volts
logo
JST Mfg. Co., Ltd.
100PS-JMDSS-G-1-TF JST-100PS-JMDSS-G-1-TF Datasheet
284Kb / 3P
Board-to-board connectors
logo
All Sensors Corporation
100PSI-A-4V ASC-100PSI-A-4V Datasheet
233Kb / 7P
Amplified Middle Pressure Sensors
More results

Similar Description - 100PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN4R6-60PS NXP-PSMN4R6-60PS Datasheet
260Kb / 14P
N-channel 60 V, 4.6 m廓 standard level MOSFET in TO220
Rev. 01-11 March 2010
PSMN5R6-100PS NXP-PSMN5R6-100PS Datasheet
213Kb / 13P
N-channel 100 V 5.6 m廓 standard level MOSFET
Rev. 01-23 November 2009
PSMN7R0-100PS NXP-PSMN7R0-100PS Datasheet
252Kb / 16P
N-channel 100V 6.8 m廓 standard level MOSFET in TO220
Rev. 02-7 January 2010
PSMN017-80PS NXP-PSMN017-80PS Datasheet
253Kb / 14P
N-channel 80 V 17 m廓 standard level MOSFET in TO220
Rev. 01-11 March 2010
PSMN034-100PS NXP-PSMN034-100PS Datasheet
256Kb / 15P
N-channel 100 V 34.5 m廓 standard level MOSFET in TO220.
Rev. 02-1 March 2010
PSMN7R0-100PS PHILIPS-PSMN7R0-100PS_15 Datasheet
268Kb / 14P
N-channel 100V 6.8 m廓 standard level MOSFET in TO220.
17 October 2013
PSMN8R5-100PS PHILIPS-PSMN8R5-100PS_15 Datasheet
258Kb / 14P
N-channel 100 V 8.5 m廓 standard level MOSFET in TO220
17 October 2013
PSMN4R6-60PS PHILIPS-PSMN4R6-60PS_15 Datasheet
233Kb / 14P
N-channel 60 V, 4.6 m廓 standard level MOSFET in TO220
Rev. 3-18 April 2012
PSMN1R5-40PS NXP-PSMN1R5-40PS Datasheet
275Kb / 14P
N-channel 40 V 1.6 m廓 standard level MOSFET in TO220
15 July 2013
logo
Nexperia B.V. All right...
PSMN5R6-100PS NEXPERIA-PSMN5R6-100PS Datasheet
739Kb / 13P
N-channel 100 V 5.6 mΩ standard level MOSFET in TO220
30 November 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com