Electronic Components Datasheet Search
  English  ▼

X  

100PS Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 100PS
Description  N-channel 100 V 5.6 m廓 standard level MOSFET in TO220
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

100PS Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 100PS Datasheet HTML 5Page - NXP Semiconductors 100PS Datasheet HTML 6Page - NXP Semiconductors 100PS Datasheet HTML 7Page - NXP Semiconductors 100PS Datasheet HTML 8Page - NXP Semiconductors 100PS Datasheet HTML 9Page - NXP Semiconductors 100PS Datasheet HTML 10Page - NXP Semiconductors 100PS Datasheet HTML 11Page - NXP Semiconductors 100PS Datasheet HTML 12Page - NXP Semiconductors 100PS Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
NXP Semiconductors
PSMN5R6-100PS
N-channel 100 V 5.6 mΩ standard level MOSFET in TO220
PSMN5R6-100PS
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
30 November 2012
10 / 13
8. Package outline
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
SOT78
SC-46
3-lead TO-220AB
SOT78
08-04-23
08-06-13
Notes
1. Lead shoulder designs may vary.
2. Dimension includes excess dambar.
UNIT
A
mm
4.7
4.1
1.40
1.25
0.9
0.6
0.7
0.4
16.0
15.2
6.6
5.9
10.3
9.7
15.0
12.8
3.30
2.79
3.8
3.5
A1
DIMENSIONS (mm are the original dimensions)
Plastic single-ended package; heatsink mounted; 1 mounting hole; 3-lead TO-220AB
0
5
10 mm
scale
b
b1(2)
1.6
1.0
c
D
1.3
1.0
b2(2)
D1
E
e
2.54
L
L1(1) L2
(1)
max.
3.0
p
q
3.0
2.7
Q
2.6
2.2
D
D1
q
p
L
1
2
3
L1(1)
b1(2)
(3×)
b2(2)
(2×)
e
e
b(3×)
A
E
A1
c
Q
L2(1)
mounting
base
Fig. 18. Package outline TO-220AB (SOT78)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com