Electronic Components Datasheet Search
  English  ▼

X  

ISL99201IRTDEVZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL99201IRTDEVZ
Description  Filterless High Efficiency 1.5W Class D Mono Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL99201IRTDEVZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL99201IRTDEVZ Datasheet HTML 1Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 2Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 3Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 4Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 5Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 6Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 7Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 8Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
FN6742.2
November 1, 2013
Absolute Maximum Ratings (Reference to GND)
Thermal Information
Supply Voltage
. . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD+0.3V
Recommended Operating Conditions
Ambient Temperature Range . . . . . . . . . . . . . . . . . . -40°C to +85°C
Operating Supply Voltage (VDD Pin) . . . . . . . . . . . . . . 2.4V to 5.5V
Thermal Resistance (Typical Note 3)
θJA (°C/W)
TDFN Package . . . . . . . . . . . . . . . . . . . . . . . . . . .
53
Maximum Junction Temperature (Plastic Package) -65°C to +150°C
Maximum Storage Temperature Range . . . . . . . . . -65°C to +150°C
Power Dissipation Ratings
8 Ld 3x3 TDFN
Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21.8mW/°C
Power Ratings
TA = +25°C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.7W
TA = +70°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.7W
TA = +85°C. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.4W
Pb-Free Reflow Profile . . . . . . . . . . . . . . . . . . . . . . . . see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
3.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379
Electrical Specifications Typical Values Are Tested at VDD = 5V and the Ambient Temperature at +25°C.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
(Note 5)
TYP
MAX
(Note 5)
UNITS
Output Power
Po
RL = 8Ω, THD = 10%, f = 1kHz, 20kHz BW, VDD = 5.0V
1.4
W
RL = 8Ω, THD = 10%, f = 1kHz, 20kHz BW, VDD = 3.6V
0.75
W
RL = 8Ω, THD = 10%, f = 1kHz, 20kHz BW, VDD = 2.5V
0.4
W
RL = 8Ω, THD = 1%, f = 1kHz, 20kHz BW, VDD = 5.0V
1.15
W
Efficiency
η
POUT = 1.4W, 8Ω + 33µH, VDD = 5.0V
90
%
Total Harmonic Distortion + Ratio
THD+N
PO = 1W into 8Ω each channel, f = 1kHz, VDD = 5.0V
0.05
%
PO = 0.5W into 8Ω each channel, f = 1kHz, VDD = 3.6V
0.05
%
PO = 0.2W into 8Ω each channel, f = 1kHz, VDD = 3.6V
0.09
%
Common-Mode Rejection Ratio
CMRR
VIC = 0.5V to (VDD - 0.8V); RL= 8Ω, VDD = 2.5V to 5.5V
-60
dB
CMRRGSM VCM = 2.5V ± 1VP-P at 217Hz, RL= 8Ω
-60
dB
Average Switching Frequency
fsw
VDD = 5V
300
375
450
kHz
Differential Output Offset Voltage
VOOS
G = 6dB; 9.6dB; 12dB; 28dB.
0.2
5.0
mV
POWER SUPPLY
Supply Voltage Range
VDD
2.4
5.5
V
Power Supply Rejection Ratio
PSRR
VDD = 2.5V to 5.0V
-65
dB
PSRRGSM VRIPPLT = 100mVRMS at 217Hz (Input AC-Coupled with
2µF capacitor)
-65
dB
Supply Current
IIN
VIN = 0V, No load, VDD = 5V
3.9
mA
VIN = 0V, No load, VDD = 3.6V
3.2
3.75
mA
VIN = 0V, 8Ω + 33µH, VDD = 5V
3.9
mA
VIN = 0V, 8Ω + 33µH, VDD = 3.6V
3.8
mA
ISD
(Note 4)
SD = GND
0.2
0.4
µA
ISL99201



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com