Electronic Components Datasheet Search
  English  ▼

X  

ISL99201IRTDEVZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL99201IRTDEVZ
Description  Filterless High Efficiency 1.5W Class D Mono Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL99201IRTDEVZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL99201IRTDEVZ Datasheet HTML 3Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 4Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 5Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 6Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 7Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 8Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 9Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 10Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
9
FN6742.2
November 1, 2013
FIGURE 19. SUPPLY RIPPLE REJECTION RATIO vs DC
COMMON MODE VOLTAGE
FIGURE 20. COMMON MODE REJECTION RATIO vs COMMON
MODE INPUT VOLTAGE
Typical Performance Characteristics (Continued)
-70
-60
-50
-40
-30
-20
-10
0
0.25 0.75 1.25 1.75 2.25 2.75 3.25 3.75 4.25 4.75 5.25
DC COMMON MODE VOLTAGE (V)
VDD = 2.5V
VDD = 3.6V
VDD = 5V
-80
-70
-60
-50
-40
-30
-20
-10
0.25
1.25
2.25
3.25
4.25
5.25
0
COMMON INPUT VOLTAGE (V)
VDD = 2.5V
VDD = 3.6V
VDD = 5V
Typical Applications
H-BRIDGE
POWER
STAGE
AND
SR
CONTROL
PWM
SAWTOOTH
GENERATOR
BIAS
AND
REFERENCE
SYNC
VIN+
VIN-
SD
VO+
VO-
VDD
GND
DIFFERENTIAL
INPUT
C3
RI
RI
ZIN
RI, REV D
ZIN
+
-
FIGURE 21. TYPICAL CIRCUIT WITH DIFFERENTIAL INPUT
H-BRIDGE
POWER
STAGE
AND
SR
CONTROL
PWM
SAWTOOTH
GENERATOR
BIAS
AND
REFERENCE
SYNC
VIN+
VIN-
SD
VO+
VO-
VDD
GND
DIFFERENTIAL
INPUT
C3
RI
RI
ZIN
ZIN
RI, REV D
+
-
FIGURE 22. TYPICAL CIRCUIT WITH DIFFERENTIAL INPUT AND INPUT CAPACITORS
ISL99201



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com