Electronic Components Datasheet Search
  English  ▼

X  

ISL99201IRTDEVZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL99201IRTDEVZ
Description  Filterless High Efficiency 1.5W Class D Mono Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL99201IRTDEVZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL99201IRTDEVZ Datasheet HTML 1Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 2Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 3Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 4Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 5Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 6Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 7Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 8Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
FN6742.2
November 1, 2013
Pinout
ISL99201
(8 LD TDFN)
TOP VIEW
Ordering Information
PART
NUMBER
PART
MARKING
GAIN SETTING
(dB)
TEMP. RANGE
(°C)
PACKAGE
Tape and Reel
(Pb-Free)
PKG.
DWG. #
ISL99201IRTAZ-T (Notes 1, 2)
201A
6
-40 to +85
8 Ld 3x3 TDFN
L8.3x3A
ISL99201IRTAZ-TK (Notes 1, 2) 201A
6
-40 to +85
8 Ld 3x3 TDFN
L8.3x3A
ISL99201IRTBZ-T (Notes 1, 2)
201B
9.6
-40 to +85
8 Ld 3x3 TDFN
L8.3x3A
ISL99201IRTBZ-TK (Notes 1, 2) 201B
9.6
-40 to +85
8 Ld 3x3 TDFN
L8.3x3A
ISL99201IRTCZ-T (Notes 1, 2)
201C
12
-40 to +85
8 Ld 3x3 TDFN
L8.3x3A
ISL99201IRTCZ-TK (Notes 1, 2) 201C
12
-40 to +85
8 Ld 3x3 TDFN
L8.3x3A
ISL99201IRTDZ-T (Notes 1, 2)
201D
Prog.
-40 to +85
8 Ld 3x3 TDFN
L8.3x3A
ISL99201IRTDZ-TK (Notes 1, 2) 201D
Prog.
-40 to +85
8 Ld 3x3 TDFN
L8.3x3A
ISL99201IRTAEVZ
Evaluation Board
ISL99201IRTBEVZ
Evaluation Board
ISL99201IRTCEVZ
Evaluation Board
ISL99201IRTDEVZ
Evaluation Board
NOTES:
1. Please refer to TB347or details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte
tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil
Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-20.
2
3
4
1
7
6
5
8
SD
SYNC
IN+
IN-
VO-
GND
VDD
VO+
ISL99201
*



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com