Electronic Components Datasheet Search
  English  ▼

X  

ISL99201IRTDEVZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL99201IRTDEVZ
Description  Filterless High Efficiency 1.5W Class D Mono Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL99201IRTDEVZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL99201IRTDEVZ Datasheet HTML 2Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 3Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 4Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 5Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 6Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 7Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 8Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 9Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN6742.2
November 1, 2013
Typical Performance Characteristics
FIGURE 1. EFFICIENCY vs OUTPUT POWER
FIGURE 2. SUPPLY CURRENT vs OUTPUT POWER
FIGURE 3. SUPPLY CURRENT vs SUPPLY VOLTAGE
FIGURE 4. TOTAL HARMONIC DISTORTION + NOISE vs
OUTPUT POWER
FIGURE 5. COMMON MODE REJECTION MODE vs
FREQUENCY
FIGURE 6. POWER DISSIPATION vs OUTPUT POWER
0
10
20
30
40
50
60
70
80
90
100
0
0.250.50
0.751.001.25
1.501.75
VDD = 2.5 V
VDD = 3.6 V
RL= 8Ω + 33µH
OUTPUT POWER (W)
VDD= 5 V
0
50
100
150
200
250
300
350
400
0
0.25
0.50
0.75
1.0
1.25
1.50
1.75
OUTPUT POWER (W)
VDD = 2.5 V
VDD = 3.6 V
VDD = 5 V
RL= 8Ω + 33µH
2.0
2.5
3.0
3.5
4.0
4.5
5.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
INPUT SUPPLY (V)
RL= 8Ω + 33µH
RL= NO LOAD
0.01
0.10
1
10
100
0.01
0.10
1
10
VDD = 5V
RL= 8Ω
VDD = 3.6V
VDD = 3V
VDD = 2.5V
OUTPUT POWER (W)
-100
-90
-80
-70
-60
-50
-40
-30
-20
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD= 3.6V
VIC = 1VP-P
RL = 8Ω
0
0.05
0.10
0.15
0.20
0.25
0.30
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
OUTPUT POWER (W)
ISL99201



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com