Electronic Components Datasheet Search
  English  ▼

X  

ISL99201IRTDEVZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL99201IRTDEVZ
Description  Filterless High Efficiency 1.5W Class D Mono Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL99201IRTDEVZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL99201IRTDEVZ Datasheet HTML 3Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 4Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 5Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 6Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 7Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 8Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 9Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 10Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6742.2
November 1, 2013
FIGURE 13. SUPPLY RIPPLE REJECTION RATIO vs
FREQUENCY - ISL99201B
FIGURE 14. SUPPLY RIPPLE REJECTION RATIO vs
FREQUENCY - ISL99201C
FIGURE 15. SUPPLY RIPPLE REJECTION RATIO vs
FREQUENCY - ISL99201A
FIGURE 16. SUPPLY RIPPLE REJECTION RATIO vs
FREQUENCY - ISL99201B
FIGURE 17. SUPPLY RIPPLE REJECTION RATIO vs
FREQUENCY - ISL99201C
FIGURE 18. TOTAL HARMONIC DISTORTION + NOISE vs
COMMON MODE INPUT VOLTAGE
Typical Performance Characteristics (Continued)
-80
-70
-60
-50
-40
-30
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 5V
INPUTS AC-GROUNDED
RL = 8Ω
CL = 2µF
ISL99201B
VDD = 2.5V
VDD = 3.6V
-80
-70
-60
-50
-40
-30
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 5V
INPUTS AC-GROUNDED
RL = 8Ω
CL = 2µF
ISL99201C
VDD = 2.5V
VDD = 3.6V
-80
-70
-60
-50
40
-30
-20
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 3.6V
INPUTS FLOATING
RL = 8Ω
CL = 2µF
ISL99201A
VDD = 5V
VDD = 2.5V
-80
-70
-60
-50
-40
-30
-20
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 3.6V
INPUTS FLOATING
RL = 8Ω
CL = 2µF
ISL99201B
VDD = 5V
VDD = 2.5V
-80
-70
-60
-50
-40
-30
-20
10
100
1k
10k
100k
FREQUENCY (Hz)
VDD = 3.6V
INPUTS FLOATING
RL = 8Ω
CL = 2µF
ISL99201C
VDD = 5V
VDD = 2.5V
0.01
0.1
1
10
0
0.5
1.5
2.5
3.0
3.5
4.5
5.0
5V
3.6V
2.5V
1.0
2.0
4.0
COMMON MODE INPUT VOLTAGE (V)
f = 1kHz
PO = 200mW
ISL99201



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com