Electronic Components Datasheet Search
  English  ▼

X  

ISL99201IRTDEVZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL99201IRTDEVZ
Description  Filterless High Efficiency 1.5W Class D Mono Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL99201IRTDEVZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL99201IRTDEVZ Datasheet HTML 3Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 4Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 5Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 6Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 7Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 8Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 9Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 10Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN6742.2
November 1, 2013
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
Typical Applications (Continued)
H-BRIDGE
POWER
STAGE
AND
SR
CONTROL
PWM
SAWTOOTH
GENERATOR
BIAS
AND
REFERENCE
SYNC
VIN+
VIN-
SD
VO+
VO-
VDD
GND
DIFFERENTIAL
INPUT
C3
C1
C2
RI
RI
ZIN
RI, REV D
+
-
FIGURE 23. TYPICAL CIRCUIT WITH SINGLE-ENDED INPUT
C1 = C2 = 1µF
ISL99201



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com