Electronic Components Datasheet Search
  English  ▼

X  

ISL99201IRTDEVZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL99201IRTDEVZ
Description  Filterless High Efficiency 1.5W Class D Mono Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL99201IRTDEVZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL99201IRTDEVZ Datasheet HTML 1Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 2Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 3Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 4Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 5Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 6Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 7Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 8Page - Intersil Corporation ISL99201IRTDEVZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
FN6742.2
ISL99201
Filterless High Efficiency 1.5W Class D
Mono Amplifier
The ISL99201 is a fully integrated high efficiency class-D
mono amplifier. It is designed to maximize performance for
mobile phone applications. The application circuit requires a
minimum requirement of external components and operates
from a 2.4V to 5.5V input supply. It is capable of delivering
1.4W of continuous output power with less than 1% THD+N
driving a 8Ω load from a 5V supply.
The ISL99201 features a high-efficiency, low-noise
modulation scheme. It operates with 86% efficiency at
400mW into 8Ω and has a signal-to-noise ratio (SNR) that is
better than 95dB. The ISL99201 has a micro-power
shutdown mode with a typical shutdown current of 200nA.
Shutdown is enabled by applying a logic low to the SD pin.
The architecture of the devices allows it to achieve very low
level of pop-and-click. This minimizes voltage glitches at the
output during turn-on and turn-off, thus reducing audible
noise on activation and deactivation.
The fully differential input of the ISL99201 provides excellent
rejection of common mode noise on the input typically 75dB.
EMI suppression is achieved by SRC (Slew Rate Control).
The ISL99201 oscillator can be synchronized to an external
clock through the SYNC input, allowing the switching
frequency to be externally defined. The SYNC input also
allows multiple ISL99201 to be cascaded and frequency
locked; minimizing interference due to clock intermodulation.
The ISL99201 also has excellent rejection of power supply
noise, including noise caused by GSM transmission bursts
and RF rectification. PSRR is typically 75dB at 217Hz. There
will be 4 versions of the part; they will consist of three fixed
gain settings (6dB, 9. 6dB, 12dB) and one user
programmable gain setting (need external resistors).
The ISL99201 has built-in thermal shutdown and output
short-circuit protection.
Features
• Filterless class D with efficiency > 86% at 400mW
• Click-pop suppression
• Slew rate control
• Spread spectrum switching
• Optional SYNC pin for master/slave operation without
interface
• 1.4W into 8Ω with less than 1% THD+N
• 2.4V to 5.5V single supply voltage
• Built-in resistors to reduce board component count
• Only one external component required (Fixed gain mode)
• Short circuit and thermal protection
• Gain programmable 6dB, 9.6dB, 12dB and User
programmable
• Pb-Free (RoHS compliant)
Applications
• Mobile phones
• MP3 players
• Portable gaming
• Portable electronics
• Educational toys
Data Sheet
November 1, 2013
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2009, 2012, 2013. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL99201IRTDEVZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL99201IRTDEVZ RENESAS-ISL99201IRTDEVZ Datasheet
635Kb / 11P
Filterless High Efficiency 1.5W Class D Mono Amplifier
More results

Similar Description - ISL99201IRTDEVZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2301 AD-SSM2301_01 Datasheet
430Kb / 16P
Filterless High Efficiency Mono 1.4W Class-D Audio Amplifier
10/07-Rev. 0 to Rev. A
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
1/08-Revision 0
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2319 AD-SSM2319 Datasheet
497Kb / 20P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
logo
Intersil Corporation
ISL99201 INTERSIL-ISL99201 Datasheet
377Kb / 13P
Filterless High Efficiency 1.5W Class D Mono Amplifier
February 27, 2009
logo
Analog Devices
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
logo
Renesas Technology Corp
ISL99201 RENESAS-ISL99201 Datasheet
635Kb / 11P
Filterless High Efficiency 1.5W Class D Mono Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com