Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630B
Description  TAS5630B 300-W Stereo and 400-W Mono PurePath??HD Analog-Input Power Stage
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5630B Datasheet(HTML) 11 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 7Page - Texas Instruments TAS5630B Datasheet HTML 8Page - Texas Instruments TAS5630B Datasheet HTML 9Page - Texas Instruments TAS5630B Datasheet HTML 10Page - Texas Instruments TAS5630B Datasheet HTML 11Page - Texas Instruments TAS5630B Datasheet HTML 12Page - Texas Instruments TAS5630B Datasheet HTML 13Page - Texas Instruments TAS5630B Datasheet HTML 14Page - Texas Instruments TAS5630B Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
25
30
35
40
45
50
PVDD − Supply Voltage − V
4
Ω
6
Ω
8
Ω
TC = 75°C
G001
0
5
10
15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
0
100
200
300
400
500
600
700
2 Channel Output Power − W
4
Ω
6
Ω
8
Ω
TC = 25°C
THD+N at 10%
G001
0.005
0.01
0.1
1
10
20m
100m
1
10
100
400
PO − Output Power − W
4
Ω
6
Ω
8
Ω
TC = 75°C
G001
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
320
340
25
30
35
40
45
50
PVDD − Supply Voltage − V
4
Ω
6
Ω
8
Ω
TC = 75°C
THD+N at 10%
G001
TAS5630B
www.ti.com
SLES217D – NOVEMBER 2010 – REVISED MARCH 2015
6.8 Audio Specification (PBTL)
PCB and system configuration are in accordance with recommended guidelines. Audio frequency = 1 kHz, PVDD_X = 50 V,
GVDD_X = 12 V, RL = 3 Ω, fS = 400 kHz, ROC = 22 kΩ, TC = 75°C; output filter: LDEM = 7 μH, CDEM = 1.5 μF,
MODE = 101-10, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RL = 3 Ω, 10% THD+N, clipped output signal
400
RL = 4 Ω, 10% THD+N, clipped output signal
300
PO
Power output per channel
W
RL = 3 Ω, 1% THD+N, unclipped output signal
310
RL = 4 Ω, 1% THD+N, unclipped output signal
230
THD+N
Total harmonic distortion + noise
1 W
0.05%
Vn
Output integrated noise
A-weighted
260
μV
SNR
Signal to noise ratio(1)
A-weighted
100
dB
DNR
Dynamic range
A-weighted
100
dB
Pidle
Power dissipation due to idle losses (IPVDD_X) PO = 0, four channels switching
(2)
2.7
W
(1)
SNR is calculated relative to 1% THD-N output level.
(2)
Actual system idle losses are affected by core losses of output inductors.
6.9 Typical Characteristics
6.9.1 BTL Configuration
Figure 2. Total Harmonic + Noise vs Output Power
Figure 3. Output Power vs Supply Voltage
Figure 4. Unclipped Output Power vs Supply Voltage
Figure 5. System Efficiency vs Output Power
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: TAS5630B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com