Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630B
Description  TAS5630B 300-W Stereo and 400-W Mono PurePath??HD Analog-Input Power Stage
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5630B Datasheet(HTML) 19 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 15Page - Texas Instruments TAS5630B Datasheet HTML 16Page - Texas Instruments TAS5630B Datasheet HTML 17Page - Texas Instruments TAS5630B Datasheet HTML 18Page - Texas Instruments TAS5630B Datasheet HTML 19Page - Texas Instruments TAS5630B Datasheet HTML 20Page - Texas Instruments TAS5630B Datasheet HTML 21Page - Texas Instruments TAS5630B Datasheet HTML 22Page - Texas Instruments TAS5630B Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
TAS5630B
www.ti.com
SLES217D – NOVEMBER 2010 – REVISED MARCH 2015
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
8.1.1 PCB Material Recommendation
TI recommends FR-4 2-oz. (70-
μm) glass epoxy material for use with the TAS5630B. The use of this material
can provide for higher power output, improved thermal performance, and better EMI margin (due to lower PCB
trace resistance).
8.1.2 PVDD Capacitor Recommendation
The large capacitors used in conjunction with each full bridge are referred to as the PVDD capacitors. These
capacitors should be selected for proper voltage margin and adequate capacitance to support the power
requirements. In practice, with a well-designed system power supply, 1000
μF, 63-V supports more applications.
The PVDD capacitors should be the low-ESR type, because they are used in a circuit associated with high-speed
switching.
8.1.3 Decoupling Capacitor Recommendations
To design an amplifier that has robust performance, passes regulatory requirements, and exhibits good audio
performance, quality decoupling capacitors should be used. In practice, X7R should be used in this application.
The voltage of the decoupling capacitors should be selected in accordance with good design practices.
Temperature, ripple current, and voltage overshoot must be considered. This fact is particularly true in the
selection of the 2.2-
μF capacitor that is placed on the power supply to each half-bridge. The decoupling capacitor
must withstand the voltage overshoot of the PWM switching, the heat generated by the amplifier during high
power output, and the ripple current created by high power output. A minimum voltage rating of 63 V is required
for use with a 50-V power supply.
8.1.4 System Design Considerations
A rising-edge transition on the reset input allows the device to execute the startup sequence and starts switching.
Apply audio only when the state of READY is high; that starts and stops the amplifier without having audible
artifacts that are heard in the output transducers. If an overcurrent protection event is introduced, the READY
signal goes low; hence, filtering is needed if the signal is intended for audio muting in non-microcontroller
systems.
The CLIP signal indicates that the output is approaching clipping. The signal can be used either to activate a
volume decrease or to signal an intelligent power supply to increase the rail voltage from low to high for optimum
efficiency.
The device inverts the audio signal from input to output.
The VREG pin is not recommended to be used as a voltage source for external circuitry.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TAS5630B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com