Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630B
Description  TAS5630B 300-W Stereo and 400-W Mono PurePath??HD Analog-Input Power Stage
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5630B Datasheet(HTML) 18 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 14Page - Texas Instruments TAS5630B Datasheet HTML 15Page - Texas Instruments TAS5630B Datasheet HTML 16Page - Texas Instruments TAS5630B Datasheet HTML 17Page - Texas Instruments TAS5630B Datasheet HTML 18Page - Texas Instruments TAS5630B Datasheet HTML 19Page - Texas Instruments TAS5630B Datasheet HTML 20Page - Texas Instruments TAS5630B Datasheet HTML 21Page - Texas Instruments TAS5630B Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
TAS5630B
SLES217D – NOVEMBER 2010 – REVISED MARCH 2015
www.ti.com
7.3.9 Click and Pop in SE-Mode
The BTL startup has low click and pop due to the trimmed output dc offset, see Audio Characteristics (BTL).
The startup of the BTL+2 x SE system (Figure 21) or 4xSE (Figure 20) is more difficult to get click and pop free,
than the pure BTL solution; therefore, evaluating the resulting click and pop before designing in the device is
recommended.
7.3.10 PBTL Overload and Short Circuit
The TAS5630B has extensive overload and short circuit protection. In BTL and SE mode, it is fully protected
against speaker terminal overloads, terminal-to-terminal short circuit, and short circuit to GND or PVDD. The
protection works by limiting the current, by flipping the state of the output MOSFETs; thereby, ramping currents
down in the inductor. This only works when the inductor is NOT saturated, the recommended minimum inductor
values are listed in Recommended Operating Conditions. In BTL mode, the short circuit currents can reach more
than 15 A, so when connecting the device in PBTL mode (Mono), the currents double – that is more than 30 A,
and with these high currents, the protection system will limit PBTL speaker overloads, terminal-to-terminal shorts,
and terminal-to-GND shorts. PBTL mode short circuit to PVDD is not recommended.
7.3.11 Oscillator
The oscillator frequency can be trimmed by external control of the FREQ_ADJ pin.
To reduce interference problems while using a radio receiver tuned within the AM band, the switching frequency
can be changed from nominal to lower values. These values should be chosen such that the nominal and the
lower-value switching frequencies together result in the fewest cases of interference throughout the AM band,
and can be selected by the value of the FREQ_ADJ resistor connected to AGND in master mode.
For slave-mode operation, turn off the oscillator by pulling the FREQ_ADJ pin to VREG. This configures the
OSC_I/O pins as inputs, which must be slaved from an external clock.
7.4 Device Functional Modes
Table 3. Mode Selection Pins
MODE PINS
OUTPUT
ANALOG INPUT
DESCRIPTION
CONFIGURATION
M3
M2
M1
0
0
0
Differential
2 × BTL
AD mode
0
0
1
—
—
Reserved
0
1
0
Differential
2 × BTL
BD mode
Differential single-
0
1
1
1 × BTL +2 ×SE
BD mode, BTL differential
ended
1
0
0
Single-ended
4 × SE
AD mode
INPUT_C (1)
INPUT_D (1)
1
0
1
Differential
1 × PBTL
0
0
AD mode
1
0
BD mode
1
1
0
Reserved
1
1
1
(1)
INPUT_C and D are used to select between a subset of AD and BD mode operations in PBTL mode (1=VREG and 0=AGND).
18
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TAS5630B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com