Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630B
Description  TAS5630B 300-W Stereo and 400-W Mono PurePath??HD Analog-Input Power Stage
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5630B Datasheet(HTML) 23 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 19Page - Texas Instruments TAS5630B Datasheet HTML 20Page - Texas Instruments TAS5630B Datasheet HTML 21Page - Texas Instruments TAS5630B Datasheet HTML 22Page - Texas Instruments TAS5630B Datasheet HTML 23Page - Texas Instruments TAS5630B Datasheet HTML 24Page - Texas Instruments TAS5630B Datasheet HTML 25Page - Texas Instruments TAS5630B Datasheet HTML 26Page - Texas Instruments TAS5630B Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
IN_N
IN_P
/RESET
/SD
/OTW1
/OTW2
/CLIP
READY
GVDD (+12V)
PVDD
OSC_IO+
OSC_IO-
GVDD (+12V)
VDD (+12V)
PVDD
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
GND
VREG
GND
GND
GND
GND GND
VREG
GND
GND
GND
GND
GND
GND
VREG
VREG
GND
GND
GND
GND
GND
GND
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
+
-
OUT_LEFT_P
OUT_LEFT_M
4.7nF
4.7nF
100nF
100nF
3.3R
3.3R
100nF
100nF
100nF
100nF
1000uF
63V
1000uF
63V
10uF
10uF
330pF
330pF
1000uF
63V
1000uF
63V
7uH
7uH
3.3R
3.3R
47k
47k
2.2uF
100V
2.2uF
100V
3.3R
3.3R
1nF
100V
1nF
100V
100nF
100nF
1000uF
63V
1000uF
63V
10uF
10uF
7uH
7uH
3.3R
3.3R
33nF
33nF
47uF
63V
47uF
63V
1uF
250V
250V
250V
1uF
250V
100R
100R
1nF
1nF
100R
100R
3.3R
3.3R
10nF
100V
10nF
100V
100R
100R
2.2uF
100V
2.2uF
100V
7uH
7uH
33nF
33nF
100nF
100nF
10nF
100V
10nF
100V
100pF
100pF
10uF
10uF
1nF
100V
1nF
100V
TAS5630BPHD
OC_ADJ
/RESET
C_STARTUP
INPUT_A
INPUT_B
VI_CM
GND
AGND
VREG
INPUT_C
INPUT_D
FREQ_ADJ
OSC_IO+
OSC_IO-
/SD
/OTW1
GND_A
GND_B
GND_B
OUT_B
OUT_B
PVDD_B
PVDD_B
BST_B
BST_C
PVDD_C
PVDD_C
OUT_C
OUT_C
GND_C
GND_C
GND_D
2.2uF
100V
2.2uF
100V
100pF
100pF
22.0k
22.0k
10nF
100V
10nF
100V
2.2uF
100V
2.2uF
100V
3.3R
3.3R
33nF
33nF
3.3R
3.3R
7uH
7uH
1000uF
63V
1000uF
63V
2.2uF
100V
2.2uF
100V
100pF
100pF
100nF
100nF
33nF
33nF
10k
10k
TAS5630B
www.ti.com
SLES217D – NOVEMBER 2010 – REVISED MARCH 2015
8.2.3 Typical Differential (2N) PBTL Application With BD Modulation Filters
When there is a need for more power in an audio system, PBTL is a good choice for this application. Paralleling the output after the inductors is
recommended. In this configuration, the device can be driven with higher current (lower load impedance). Figure 19 shows the component and pin
connections.
Figure 19. Typical Differential (2N) PBTL Application With BD Modulation Filters
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: TAS5630B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com