Electronic Components Datasheet Search
  English  ▼

X  

TAS5630B Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5630B
Description  TAS5630B 300-W Stereo and 400-W Mono PurePath??HD Analog-Input Power Stage
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5630B Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5630B Datasheet HTML 12Page - Texas Instruments TAS5630B Datasheet HTML 13Page - Texas Instruments TAS5630B Datasheet HTML 14Page - Texas Instruments TAS5630B Datasheet HTML 15Page - Texas Instruments TAS5630B Datasheet HTML 16Page - Texas Instruments TAS5630B Datasheet HTML 17Page - Texas Instruments TAS5630B Datasheet HTML 18Page - Texas Instruments TAS5630B Datasheet HTML 19Page - Texas Instruments TAS5630B Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
TAS5630B
SLES217D – NOVEMBER 2010 – REVISED MARCH 2015
www.ti.com
Feature Description (continued)
Any fault resulting in device shutdown is signaled by the SD pin going low. Likewise, OTW and OTW2 go low
when the device junction temperature exceeds 125°C and OTW1 goes low when the junction temperature
exceeds 100°C (see Table 1).
Table 1. Error Reporting
OTW2,
SD
OTW1
DESCRIPTION
OTW
0
0
0
Overtemperature (OTE) or overload (OLP) or undervoltage (UVP)
Overload (OLP) or undervoltage (UVP). Junction temperature higher than 100°C (overtemperature
0
0
1
warning)
0
1
1
Overload (OLP) or undervoltage (UVP)
1
0
0
Junction temperature higher than 125°C (overtemperature warning)
1
0
1
Junction temperature higher than 100°C (overtemperature warning)
1
1
1
Junction temperature lower than 100°C and no OLP or UVP faults (normal operation)
Note that asserting either RESET low forces the SD signal high, independent of faults being present. TI
recommends monitoring the OTW signal using the system microcontroller and responding to an overtemperature
warning signal by, for example, turning down the volume to prevent further heating of the device resulting in
device shutdown (OTE).
To reduce external component count, an internal pullup resistor to 3.3 V is provided on both SD and OTW
outputs. Level compliance for 5-V logic can be obtained by adding external pullup resistors to 5 V (see Electrical
Characteristics for further specifications).
7.3.4 Device Protection System
The TAS5630B contains advanced protection circuitry carefully designed to facilitate system integration and ease
of use, as well as to safeguard the device from permanent failure due to a wide range of fault conditions such as
short circuits, overload, overtemperature, and undervoltage. The TAS5630B responds to a fault by immediately
setting the power stage in a high-impedance (Hi-Z) state and asserting the SD pin low. In situations other than
overload and overtemperature error (OTE), the device automatically recovers when the fault condition has been
removed, that is, the supply voltage has increased.
The device functions on errors, as shown in the following table.
Table 2. Device Protection System
BTL Mode
PBTL Mode
SE Mode
Local error in
Turns Off or in
Local error in
Turns Off or in
Local error in
Turns Off or in
A
A
A
A + B
A + B
B
B
B
A + B + C + D
C
C
C
C + D
C + D
D
D
D
Bootstrap UVP does not shut down according to the table; it shuts down the respective half-bridge.
16
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: TAS5630B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com