Electronic Components Datasheet Search
  English  ▼

X  

ISL41334IRZ Datasheet(PDF) 11 Page - Intersil Corporation

Part # ISL41334IRZ
Description  ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41334IRZ Datasheet(HTML) 11 Page - Intersil Corporation

Back Button ISL41334IRZ Datasheet HTML 7Page - Intersil Corporation ISL41334IRZ Datasheet HTML 8Page - Intersil Corporation ISL41334IRZ Datasheet HTML 9Page - Intersil Corporation ISL41334IRZ Datasheet HTML 10Page - Intersil Corporation ISL41334IRZ Datasheet HTML 11Page - Intersil Corporation ISL41334IRZ Datasheet HTML 12Page - Intersil Corporation ISL41334IRZ Datasheet HTML 13Page - Intersil Corporation ISL41334IRZ Datasheet HTML 14Page - Intersil Corporation ISL41334IRZ Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
11
FN6202.3
November 21, 2007
Test Circuits and Waveforms
FIGURE 1. RS-485 DRIVER VOD AND VOC TEST CIRCUIT
FIGURE 2A. TEST CIRCUIT
FIGURE 2B. MEASUREMENT POINTS
FIGURE 2. RS-485 DRIVER PROPAGATION DELAY AND DIFFERENTIAL TRANSITION TIMES
D
DE
DY
VCC
VOD
VOC
R
R
Y
Z
RD
D
DE
DY
VCC
SIGNAL
GENERATOR
CL = 100pF
RDIFF
Y
Z
CL = 100pF
OUT (Z)
3V
0V
tPLH
1.5V
1.5V
VOH
VOL
50%
50%
tPHL
OUT (Y)
tPHL
VOH
VOL
50%
50%
tPLH
DIFF OUT (Z - Y)
tR
+VOD
-VOD
90%
90%
tF
10%
10%
DY
SKEW = |tPLH (Y or Z) - tPHL (Z or Y)|
0V
0V
tDHL
tDLH
ISL81334, ISL41334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com