Electronic Components Datasheet Search
  English  ▼

X  

ISL41334IRZ Datasheet(PDF) 12 Page - Intersil Corporation

Part # ISL41334IRZ
Description  ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41334IRZ Datasheet(HTML) 12 Page - Intersil Corporation

Back Button ISL41334IRZ Datasheet HTML 8Page - Intersil Corporation ISL41334IRZ Datasheet HTML 9Page - Intersil Corporation ISL41334IRZ Datasheet HTML 10Page - Intersil Corporation ISL41334IRZ Datasheet HTML 11Page - Intersil Corporation ISL41334IRZ Datasheet HTML 12Page - Intersil Corporation ISL41334IRZ Datasheet HTML 13Page - Intersil Corporation ISL41334IRZ Datasheet HTML 14Page - Intersil Corporation ISL41334IRZ Datasheet HTML 15Page - Intersil Corporation ISL41334IRZ Datasheet HTML 16Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
12
FN6202.3
November 21, 2007
FIGURE 3A. TEST CIRCUIT
FIGURE 3B. MEASUREMENT POINTS
FIGURE 3. RS-485 DRIVER ENABLE AND DISABLE TIMES
FIGURE 4A. TEST CIRCUIT
FIGURE 4B. MEASUREMENT POINTS
FIGURE 4. RS-485 RECEIVER PROPAGATION DELAY
FIGURE 5A. TEST CIRCUIT
FIGURE 5B. MEASUREMENT POINTS
FIGURE 5. RS-485 RECEIVER ENABLE AND DISABLE TIMES
Test Circuits and Waveforms (Continued)
D
DE
DY
CL
500
Ω
Y
Z
VCC
GND
SW
FOR SHDN TESTS, SWITCH ON/OFF RATHER THAN DE
PARAMETER
ON/DE
OUTPUT
DY
SW
CL (pF)
tHZ
1/-
Y/Z
0/1
GND
15
tLZ
1/-
Y/Z
1/0
VCC
15
tZH
1/-
Y/Z
0/1
GND
100
tZL
1/-
Y/Z
1/0
VCC
100
tZH(SHDN)
-/1
Y/Z
0/1
GND
100
tZL(SHDN)
-/1
Y/Z
1/0
VCC
100
SIGNAL
GENERATOR
OUT (Y, Z)
3V
0V
1.5V
1.5V
VOH
0V
2.3V
VOH - 0.5V
tHZ
OUT (Y, Z)
VCC
VOL
2.3V
VOL + 0.5V
tLZ
DE
OUTPUT HIGH
OUTPUT LOW
tZL
tZH
tZH(SHDN)
tZL(SHDN)
(ON/OFF FOR SHDN)
ENABLED
SIGNAL
GENERATOR
R
RA
RXEN (QFN ONLY)
B
A
0V
15pF
RA
+1.5V
-1.5V
tPLH
0V
0V
VCC
0V
1.5V
1.5V
tPHL
B
1k
Ω
VCC
GND
SW
FOR SHDN TESTS, SWITCH ON/OFF RATHER THAN RXEN
PARAMETER
ON/RXEN
B
SW
tHZ (QFN Only)
1/-
+1.5V
GND
tLZ (QFN Only)
1/-
-1.5V
VCC
tZH (QFN Only)
1/-
+1.5V
GND
tZL (QFN Only)
1/-
-1.5V
VCC
tZH(SHDN)
-/0
+1.5V
GND
tZL(SHDN)
-/0
-1.5V
VCC
SIGNAL
GENERATOR
R
RA
B
A
15pF
RXEN (QFN ONLY)
RA
3V
0V
1.5V
1.5V
VOH
0V
1.5V
VOH - 0.5V
tHZ
RA
VCC
VOL
1.5V
VOL + 0.5V
tLZ
RXEN (QFN ONLY)
OUTPUT HIGH
OUTPUT LOW
tZL
tZH
tZL(SHDN)
tZH(SHDN)
3V
0V
1.5V
ON/OFF
(FOR SHDN TESTS)
ENABLED
ISL81334, ISL41334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com