Electronic Components Datasheet Search
  English  ▼

X  

ISL41334IRZ Datasheet(PDF) 24 Page - Intersil Corporation

Part # ISL41334IRZ
Description  ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41334IRZ Datasheet(HTML) 24 Page - Intersil Corporation

Back Button ISL41334IRZ Datasheet HTML 20Page - Intersil Corporation ISL41334IRZ Datasheet HTML 21Page - Intersil Corporation ISL41334IRZ Datasheet HTML 22Page - Intersil Corporation ISL41334IRZ Datasheet HTML 23Page - Intersil Corporation ISL41334IRZ Datasheet HTML 24Page - Intersil Corporation ISL41334IRZ Datasheet HTML 25Page - Intersil Corporation ISL41334IRZ Datasheet HTML 26Page - Intersil Corporation ISL41334IRZ Datasheet HTML 27Page - Intersil Corporation ISL41334IRZ Datasheet HTML 28Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
FN6202.3
November 21, 2007
FIGURE 40. RS-232, TRANSMITTER MAXIMUM DATA RATE vs
LOAD CAPACITANCE
FIGURE 41. RS-232, TRANSMITTER OUTPUT VOLTAGE vs
DATA RATE
FIGURE 42. RS-232, TRANSMITTER
SKEW vs DATA RATE
FIGURE 43. RS-485, TRANSMITTER
JITTER vs DATA RATE
WITH 2000’ CAT-5 CABLE
FIGURE 44. RS-485, TRANSMITTER
JITTER vs DATA RATE
WITH 1000’ CAT-5 CABLE
FIGURE 45. RS-485, TRANSMITTER
JITTER vs DATA RATE
WITH 350’ CAT-5 CABLE
Typical Performance Curves VCC = VL = 5V, TA = +25°C; Unless Otherwise Specified. (Continued)
100
1000
2000
3000
4000
5000
100
200
300
400
500
600
700
800
900
1000
1100
LOAD CAPACITANCE (pF)
2 TRANSMITTERS AT +25°C
2 TRANSMITTERS AT +85°C
1 TRANSMITTER AT +25°C
VOUT ≥ ±4V
ALL TOUTS LOADED WITH 5kΩ TO GND
1 TRANSMITTER AT +85°C
0
100
200
300
400
500
600
700
800
-7.5
-5.0
0
5.0
7.5
2.5
-2.5
DATA RATE (kbps)
+25
°C
+85
°C
+25
°C
+85
°C
VOUT+
VOUT -
1 TRANSMITTER SWITCHING ON EACH PORT
ALL TOUTS LOADED WITH 5kΩ TO GND, CL = 1000pF
50
150
250
350
450
550
650
750
150
200
250
300
350
400
450
DATA RATE (kbps)
+25°C
+85°C
ALL TOUTS LOADED WITH 3kΩ TO GND, CL = 1000pF
1 TRANSMITTER SWITCHING ON EACH PORT
DATA RATE (kbps)
32 100
200
300
400
500
600
700
800
900
1000
0.1
1
10
100
DOUBLE TERM’ED WITH 121
Ω
SLOW
MED
FAST
DATA RATE (kbps)
32 100
200
300
400
500
600
700
800
900
1000
0.1
1
10
100
DOUBLE TERM’ED WITH 121
Ω
SLOW
MED
FAST
DATA RATE (kbps)
32 100
200
300
400
500
600
700
800
900
1000
0.1
1
10
100
DOUBLE TERM’ED WITH 121
Ω
SLOW
MED
FAST
ISL81334, ISL41334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com