Electronic Components Datasheet Search
  English  ▼

X  

ISL41334IRZ Datasheet(PDF) 20 Page - Intersil Corporation

Part # ISL41334IRZ
Description  ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41334IRZ Datasheet(HTML) 20 Page - Intersil Corporation

Back Button ISL41334IRZ Datasheet HTML 16Page - Intersil Corporation ISL41334IRZ Datasheet HTML 17Page - Intersil Corporation ISL41334IRZ Datasheet HTML 18Page - Intersil Corporation ISL41334IRZ Datasheet HTML 19Page - Intersil Corporation ISL41334IRZ Datasheet HTML 20Page - Intersil Corporation ISL41334IRZ Datasheet HTML 21Page - Intersil Corporation ISL41334IRZ Datasheet HTML 22Page - Intersil Corporation ISL41334IRZ Datasheet HTML 23Page - Intersil Corporation ISL41334IRZ Datasheet HTML 24Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
FN6202.3
November 21, 2007
FIGURE 18. RS-485, DRIVER OUTPUT CURRENT vs SHORT
CIRCUIT VOLTAGE
FIGURE 19. SUPPLY CURRENT vs TEMPERATURE
FIGURE 20. RS-232, VL SUPPLY CURRENT vs VL VOLTAGE
(QFN ONLY)
FIGURE 21. VCC and VL SHDN SUPPLY CURRENTS vs VL
VOLTAGE (QFN ONLY)
Typical Performance Curves VCC = VL = 5V, TA = +25°C; Unless Otherwise Specified. (Continued)
OUTPUT VOLTAGE (V)
-7 -6
-4
-2
0
2
4
6
8
10
12
-150
-100
-50
0
50
100
150
Y OR Z = HIGH
Y OR Z = LOW
+25°C
+85°C
-40°C
FULL TEMP RANGE
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
1.0
1.5
2.0
2.5
3.0
3.5
4.0
RS-232, RXEN = X
RS-485, DE = GND, RXEN = X
RS-485, HALF DUPLEX, DE = VCC, RXEN = X
RS-485, FULL DUPLEX, DE = VCC, RXEN = X
VL (V)
1µ
10µ
100µ
10m
1m
23456
VL ≤ VCC
VL > VCC
NO LOAD
VIN = VL or GND
LB = VL
RS-232, ON = GND, SP = VL
RS-485, DE = ON = GND, SP = VL
RS-485, DE = ON = SP = GND
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0
100
200
300
400
500
600
VL (V)
NO LOAD
VIN = VL or GND
LB = VL
ON = DZ/DE = DY = GND
RS-232/RS-485 ICC
SP = GND
SP = VL RS-232 IL
RS-485 IL
ISL81334, ISL41334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com