Electronic Components Datasheet Search
  English  ▼

X  

ISL41334IRZ Datasheet(PDF) 23 Page - Intersil Corporation

Part # ISL41334IRZ
Description  ±15kV ESD Protected, 5V, Two Port, Dual Protocol (RS-232/RS-485) Transceivers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL41334IRZ Datasheet(HTML) 23 Page - Intersil Corporation

Back Button ISL41334IRZ Datasheet HTML 19Page - Intersil Corporation ISL41334IRZ Datasheet HTML 20Page - Intersil Corporation ISL41334IRZ Datasheet HTML 21Page - Intersil Corporation ISL41334IRZ Datasheet HTML 22Page - Intersil Corporation ISL41334IRZ Datasheet HTML 23Page - Intersil Corporation ISL41334IRZ Datasheet HTML 24Page - Intersil Corporation ISL41334IRZ Datasheet HTML 25Page - Intersil Corporation ISL41334IRZ Datasheet HTML 26Page - Intersil Corporation ISL41334IRZ Datasheet HTML 27Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 28 page
background image
23
FN6202.3
November 21, 2007
FIGURE 34. RS-232, TRANSMITTER OUTPUT VOLTAGE vs
LOAD CAPACITANCE
FIGURE 35. RS-232, TRANSMITTER OUTPUT VOLTAGE vs
TEMPERATURE
FIGURE 36. RS-232, TRANSMITTER SHORT CIRCUIT
CURRENT vs TEMPERATURE
FIGURE 37. RS-232, TRANSMITTER
AND RECEIVER
WAVEFORMS AT 250kbps
FIGURE 38. RS-232, TRANSMITTER
AND RECEIVER
WAVEFORMS AT 500kbps
FIGURE 39. RS-232, RECEIVER OUTPUT + DUTY CYCLE vs
DATA RATE
Typical Performance Curves VCC = VL = 5V, TA = +25°C; Unless Otherwise Specified. (Continued)
-7.5
-5.0
-2.5
0
2.5
5.0
7.5
1000
2000
3000
4000
5000
0
LOAD CAPACITANCE (pF)
1 TRANSMITTER/PORT AT 250kbps or 500kbps,
VOUT+
VOUT -
OTHER TRANSMITTERS AT 30kbps
ALL TOUTS LOADED WITH 3kΩ TO GND
500kbps
500kbps
250kbps
250kbps
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
-7.5
-5.0
0
5.0
7.5
2.5
-2.5
VOUT+
VOUT -
OUTPUTS STATIC
ALL TOUTS LOADED WITH 3kΩ TO GND
-40
0
50
85
TEMPERATURE (°C)
-25
25
75
-40
-30
-20
-10
0
10
20
30
40
Y or Z = HIGH
Y or Z = LOW
VOUT SHORTED TO GND
2µ
s/DIV
CL = 3500pF, 1 CHANNEL SWITCHING/PORT
Y/A
0
-5
0
5
0
5
5
RA
DY
1
μs/DIV.
CL = 1000pF, 1 CHANNEL SWITCHING/PORT
Y/A
0
-5
0
5
0
5
5
RA
DY
500
1000
1500
2000
48
50
52
54
56
58
60
DATA RATE (kbps)
FULL TEMP RANGE
SR IN = 15V/
μs
SR IN = 100V/
μs
50
VIN = ±5V
ISL81334, ISL41334



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com