Electronic Components Datasheet Search
  English  ▼

X  

PIC18F010 Datasheet(PDF) 129 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 129 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 125Page - Microchip Technology PIC18F010 Datasheet HTML 126Page - Microchip Technology PIC18F010 Datasheet HTML 127Page - Microchip Technology PIC18F010 Datasheet HTML 128Page - Microchip Technology PIC18F010 Datasheet HTML 129Page - Microchip Technology PIC18F010 Datasheet HTML 130Page - Microchip Technology PIC18F010 Datasheet HTML 131Page - Microchip Technology PIC18F010 Datasheet HTML 132Page - Microchip Technology PIC18F010 Datasheet HTML 133Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 127
PIC18F010/020
RETURN
Return from Subroutine
Syntax:
[ label ]
RETURN [s]
Operands:
s
∈ [0,1]
Operation:
(TOS)
→ PC,
if s = 1
(WS)
→ W,
(STATUSS)
→ STATUS,
(BSRS)
→ BSR,
PCLATU, PCLATH are unchanged
Status Affected:
None
Encoding:
0000
0000
0001
001s
Description:
Return from subroutine. The
stack is popped and the top of the
stack (TOS) is loaded into the
program counter. If ’s’ = 1, the
contents of the shadow registers
WS, STATUSS and BSRS are
loaded into their corresponding
registers, WREG, STATUS and
BSR. If ’s’ = 0, no update of
these registers occurs (default).
Words:
1
Cycles:
2
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
No
operation
Process
Data
Pop PC from
stack
No
operation
No
operation
No
operation
No
operation
Example:
RETURN
After Call
PC
=
TOS
RETURN FAST
Before Instruction
WRG
=
0x04
STATUS =
0x00
BSR
=
0x00
After Instruction
WREG
=
0x04
STATUS =
0x00
BSR
=
0x00
PC
=
TOS
RLCF
Rotate Left f through Carry
Syntax:
[ label ] RLCF
f [ ,d [,a] ]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(f<n>)
→ dest<n+1>,
(f<7>)
→ C,
(C)
→ dest<0>
Status Affected:
C,N,Z
Encoding:
0011
01da
ffff
ffff
Description:
The contents of register 'f' are
rotated one bit to the left through
the Carry Flag. If 'd' is 0 the result is
placed in WREG. If 'd' is 1 the
result is stored back in register 'f'
(default). If ’a’ is 0, the Access
Bank will be selected, overriding
the BSR value. If ’a’ is 1, the Bank
will be selected as per the BSR
value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write to
destination
Example:
RLCF
REG, W
Before Instruction
REG
=
1110 0110
C=
0
N=
?
Z=
?
After Instruction
REG
=
1110 0110
WREG
=
1100 1100
C=
1
N=
1
Z=
0
C
register f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com