Electronic Components Datasheet Search
  English  ▼

X  

PIC18F010 Datasheet(PDF) 130 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 130 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 126Page - Microchip Technology PIC18F010 Datasheet HTML 127Page - Microchip Technology PIC18F010 Datasheet HTML 128Page - Microchip Technology PIC18F010 Datasheet HTML 129Page - Microchip Technology PIC18F010 Datasheet HTML 130Page - Microchip Technology PIC18F010 Datasheet HTML 131Page - Microchip Technology PIC18F010 Datasheet HTML 132Page - Microchip Technology PIC18F010 Datasheet HTML 133Page - Microchip Technology PIC18F010 Datasheet HTML 134Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 176 page
background image
PIC18F010/020
DS41142A-page 128
Preliminary
 2001 Microchip Technology Inc.
RLNCF
Rotate Left f (no carry)
Syntax:
[ label ] RLNCF
f [ ,d [,a] ]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(f<n>)
→ dest<n+1>,
(f<7>)
→ dest<0>
Status Affected:
N,Z
Encoding:
0100
01da
ffff
ffff
Description:
The contents of register ’f’ are
rotated one bit to the left. If ’d’ is 0
the result is placed in WREG. If ’d’
is 1, the result is stored back in reg-
ister 'f' (default). If ’a’ is 0, the
Access Bank will be selected, over-
riding the BSR value. If ’a’ is 1, the
Bank will be selected as per the
BSR value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write to
destination
Example:
RLNCF
REG
Before Instruction
REG
=
1010 1011
N=
?
Z=
?
After Instruction
REG
=
0101 0111
N=
0
Z=
0
register f
RRCF
Rotate Right f through Carry
Syntax:
[ label ]
RRCF f [ ,d [,a] ]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(f<n>)
→ dest<n-1>,
(f<0>)
→ C,
(C)
→ dest<7>
Status Affected:
C,N,Z
Encoding:
0011
00da
ffff
ffff
Description:
The contents of register 'f' are
rotated one bit to the right through
the Carry Flag. If 'd' is 0, the result
is placed in WREG. If 'd' is 1, the
result is placed back in register 'f'
(default). If ’a’ is 0, the Access
Bank will be selected, overriding
the BSR value. If ’a’ is 1, the Bank
will be selected as per the BSR
value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write to
destination
Example:
RRCF
REG, W
Before Instruction
REG
=
1110 0110
C=
0
N=
?
Z=
?
After Instruction
REG
=
1110 0110
WREG
=
0111 0011
C=
0
N=
0
Z=
0
C
register f



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com