Electronic Components Datasheet Search
  English  ▼

X  

PIC18F010 Datasheet(PDF) 131 Page - Microchip Technology

Part # PIC18F010
Description  High Performance Microcontrollers
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F010 Datasheet(HTML) 131 Page - Microchip Technology

Back Button PIC18F010 Datasheet HTML 127Page - Microchip Technology PIC18F010 Datasheet HTML 128Page - Microchip Technology PIC18F010 Datasheet HTML 129Page - Microchip Technology PIC18F010 Datasheet HTML 130Page - Microchip Technology PIC18F010 Datasheet HTML 131Page - Microchip Technology PIC18F010 Datasheet HTML 132Page - Microchip Technology PIC18F010 Datasheet HTML 133Page - Microchip Technology PIC18F010 Datasheet HTML 134Page - Microchip Technology PIC18F010 Datasheet HTML 135Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 176 page
background image
 2001 Microchip Technology Inc.
Preliminary
DS41142A-page 129
PIC18F010/020
RRNCF
Rotate Right f (no carry)
Syntax:
[ label ]
RRNCF f [ ,d [,a] ]
Operands:
0
≤ f ≤ 255
d
∈ [0,1]
a
∈ [0,1]
Operation:
(f<n>)
→ dest<n-1>,
(f<0>)
→ dest<7>
Status Affected:
N,Z
Encoding:
0100
00da
ffff
ffff
Description:
The contents of register ’f’ are
rotated one bit to the right. If ’d’ is 0,
the result is placed in WREG. If ’d’
is 1, the result is placed back in
register 'f' (default). If ’a’ is 0, the
Access Bank will be selected, over-
riding the BSR value. If ’a’ is 1, the
Bank will be selected as per the
BSR value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write to
destination
Example 1:
RRNCF
REG
Before Instruction
REG
=
1101 0111
N=
?
Z=
?
After Instruction
REG
=
1110 1011
N=
1
Z=
0
Example 2:
RRNCF
REG, 0, 0
Before Instruction
WREG
=
?
REG
=
1101 0111
N=
?
Z=
?
After Instruction
WREG
=
1110 1011
REG
=
1101 0111
N=
1
Z=
0
register f
SETF
Set f
Syntax:
[label] SETF
f [,a]
Operands:
0
≤ f ≤ 255
a
∈ [0,1]
Operation:
FFh
→ f
Status Affected:
None
Encoding:
0110
100a
ffff
ffff
Description:
The contents of the specified regis-
ter are set to FFh. If ’a’ is 0, the
Access Bank will be selected, over-
riding the BSR value. If ’a’ is 1, the
Bank will be selected as per the
BSR value.
Words:
1
Cycles:
1
Q Cycle Activity:
Q1
Q2
Q3
Q4
Decode
Read
register ’f’
Process
Data
Write
register ’f’
Example:
SETF
REG
Before Instruction
REG
=
0x5A
After Instruction
REG
=
0xFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com