Electronic Components Datasheet Search
  English  ▼

X  

LP38856 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LP38856
Description  3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38856 Datasheet(HTML) 5 Page - Texas Instruments

  LP38856 Datasheet HTML 1Page - Texas Instruments LP38856 Datasheet HTML 2Page - Texas Instruments LP38856 Datasheet HTML 3Page - Texas Instruments LP38856 Datasheet HTML 4Page - Texas Instruments LP38856 Datasheet HTML 5Page - Texas Instruments LP38856 Datasheet HTML 6Page - Texas Instruments LP38856 Datasheet HTML 7Page - Texas Instruments LP38856 Datasheet HTML 8Page - Texas Instruments LP38856 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LP38856
www.ti.com
SNVS336F – JUNE 2006 – REVISED AUGUST 2015
Electrical Characteristics (continued)
Unless otherwise specified: VIN = VOUT(NOM) + 1 V, VBIAS = 3 V, IOUT = 10 mA, CIN = COUT = 10 µF, CBIAS = 1 µF, VEN = VBIAS.
Limits apply for TJ = 25°C only unless otherwise specified. Minimum and Maximum limits are specified through test, design, or
statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference
purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LP38856-0.8: 10 mA
≤ IOUT ≤ 3 A
7
8.5
LP38856-0.8: 10 mA
≤ IOUT ≤ 3 A
9
TJ = –40°C to 125°C
mA
LP38856-1.2: 10 mA
≤ IOUT ≤ 3 A
11
12
Ground pin current drawn from VIN
IGND(IN)
supply
LP38856-1.2: 10 mA
≤ IOUT ≤ 3 A
15
TJ = –40°C to 125°C
VEN ≤ 0.5 V
1
10
µA
VEN ≤ 0.5 V, TJ = –40°C to 125°C
300
10 mA
≤ IOUT ≤ 3 A
3
3.8
mA
10 mA
≤ IOUT ≤ 3 A
4.5
Ground pin current drawn from VBIAS
TJ = –40°C to 125°C
IGND(BIAS)
supply
VEN ≤ 0.5 V
100
170
µA
VEN ≤ 0.5 V, TJ = –40°C to 125°C
200
VBIAS rising until device is functional
2.20
2.45
2.70
UVLO
Undervoltage lock-out threshold
V
VBIAS rising until device is functional
2
2.9
TJ = –40°C to 125°C
VBIAS falling from UVLO threshold until device is
60
150
300
non-functional
UVLO(HYS)
Undervoltage lock-out hysteresis
mV
50
350
VIN = VOUT(NOM) + 1 V,
ISC
Output short-circuit current
6.2
A
VBIAS = 3 V VOUT = 0 V
ENABLE PIN
VEN = VBIAS
0.01
VEN = 0 V, VBIAS = 5.5 V
–19
–30
–40
IEN
ENABLE pin current
µA
VEN = 0 V, VBIAS = 5.5 V
–13
–51
TJ = –40°C to 125°C
VEN rising until Output = ON
1
1.25
1.50
VEN(ON)
Enable voltage threshold
V
VEN rising until Output = ON
0.9
1.55
TJ = –40°C to 125°C
VEN falling from VEN(ON) until Output = OFF
50
100
150
VEN(HYS)
Enable voltage hysteresis
mV
VEN falling from VEN(ON) until Output = OFF
30
200
TJ = –40°C to 125°C
tOFF
Turn-OFF delay time
RLOAD × COUT << tOFF
20
µs
tON
Turn-ON delay time
RLOAD × COUT << tON
15
AC PARAMETERS
VIN = VOUT +1 V, ƒ = 120 Hz
80
PSRR (VIN)
Ripple rejection for VIN input voltage
dB
VIN = VOUT + 1V, ƒ = 1 kHz
65
VBIAS = VOUT + 3 V, ƒ = 120 Hz
58
PSRR (VBIAS)
Ripple rejection for VBIAS voltage
dB
VBIAS = VOUT + 3 V, ƒ = 1 kHz
58
Output noise density
ƒ = 120 Hz
1
µV/
√Hz
en
BW = 10 Hz
− 100 kHz
150
Output noise voltage
µV(RMS)
BW = 300 Hz
− 300 kHz
90
THERMAL PARAMETERS
Thermal shutdown junction
TSD
160
temperature
°C
TSD(HYS)
Thermal shutdown hysteresis
10
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP38856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com