Electronic Components Datasheet Search
  English  ▼

X  

LP38856 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LP38856
Description  3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38856 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP38856 Datasheet HTML 7Page - Texas Instruments LP38856 Datasheet HTML 8Page - Texas Instruments LP38856 Datasheet HTML 9Page - Texas Instruments LP38856 Datasheet HTML 10Page - Texas Instruments LP38856 Datasheet HTML 11Page - Texas Instruments LP38856 Datasheet HTML 12Page - Texas Instruments LP38856 Datasheet HTML 13Page - Texas Instruments LP38856 Datasheet HTML 14Page - Texas Instruments LP38856 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LP38856
www.ti.com
SNVS336F – JUNE 2006 – REVISED AUGUST 2015
Feature Description (continued)
7.3.3 Bias Voltage
The bias voltage (VBIAS) is a low current external voltage rail required to bias the control circuitry and provide
gate drive for the N-FET pass transistor. The bias voltage must be in the range of 3 V to 5.5 V to ensure proper
operation of the device.
7.3.4 Undervoltage Lockout
The bias voltage is monitored by a circuit which prevents the device from functioning when the bias voltage is
below the undervoltage lock-out (UVLO) threshold of approximately 2.45 V.
As the bias voltage rises above the UVLO threshold the device control circuitry become active. There is
approximately 150 mV of hysteresis built into the UVLO threshold to provide noise immunity.
When the bias voltage is between the UVLO threshold and the minimum operating rating value of 3 V the device
will be functional, but the operating parameters will not be within the specified limits.
7.3.5 Supply Sequencing
There is no requirement for the order that VIN or VBIAS are applied or removed. However, the output voltage
cannot be specified until both VIN and VBIAS are within the range of specified operating values.
If used in a dual-supply system where the regulator load is returned to a negative supply, the output pin must be
diode clamped to ground. A Schottky diode is recommend for this diode clamp.
7.3.6 Reverse Voltage
A reverse voltage condition will exist when the voltage at the OUT pin is higher than the voltage at the input pin.
Typically this will happen when VIN is abruptly taken low and COUT continues to hold a sufficient charge such that
the input to output voltage becomes reversed.
The NMOS pass element, by design, contains no body diode. This means that, as long as the gate of the pass
element is not driven, there will not be any reverse current flow through the pass element during a reverse
voltage event. The gate of the pass element is not driven when VBIAS is below the UVLO threshold.
When VBIAS is above the UVLO threshold the control circuitry is active and will attempt to regulate the output
voltage. Because the input voltage is less than the output voltage, the control circuit will drive the gate of the
pass element to the full VBIAS potential when the output voltage begins to fall. In this condition, reverse current
will flow from the OUT pin to the IN pin, limited only by the RDS(ON) of the pass element and the output-to-input
voltage differential. This condition is outside the specified operating range and must be avoided.
7.4 Device Functional Modes
7.4.1 Operation with 3 V
≤ VBIAS ≤ 5.5 V , VOUT(TARGET) + 0.3 V ≤ VIN ≤ VBIAS
The device operates if the bias voltage is equal to, or exceeds, 3 V; input voltage is equal to, or exceeds,
VOUT(TARGET) + 0.3 V. At bias voltages below the minimum VBIAS requirement, the device does not operate
correctly, and output voltage may not reach target value.
7.4.2 Operation with VEN Control
If the voltage on the EN pin is less than 1 V, the device is disabled. Raising VEN above 1.5 V initiates the start-up
sequence of the device.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP38856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com