Electronic Components Datasheet Search
  English  ▼

X  

LP38856 Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # LP38856
Description  3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38856 Datasheet(HTML) 15 Page - Texas Instruments

Back Button LP38856 Datasheet HTML 11Page - Texas Instruments LP38856 Datasheet HTML 12Page - Texas Instruments LP38856 Datasheet HTML 13Page - Texas Instruments LP38856 Datasheet HTML 14Page - Texas Instruments LP38856 Datasheet HTML 15Page - Texas Instruments LP38856 Datasheet HTML 16Page - Texas Instruments LP38856 Datasheet HTML 17Page - Texas Instruments LP38856 Datasheet HTML 18Page - Texas Instruments LP38856 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
IN
GND
OUT
VIN
VOUT
COUT
CIN
BIAS
EN
CBIAS
LP38856
www.ti.com
SNVS336F – JUNE 2006 – REVISED AUGUST 2015
10 Layout
10.1 Layout Guidelines
Good layout practices will minimize voltage error and prevent instability which can result from ground loops. The
input and output capacitors must be directly connected to the device pins with short traces that have no other
current flowing in them (Kelvin connect).
The best way to do this is to place the capacitors very near the device and make connections directly to the
device pins via short traces on the top layer of the PCB. The regulator’s ground pin must be connected through
vias to the internal or backside ground plane so that the regulator has a single point ground.
The external resistors which set the output voltage must also be located very near the device with all connections
directly tied via short traces to the pins of the device (Kelvin connect). Do not connect the resistive divider to the
load point or DC error will be induced.
10.2 Layout Example
Figure 26. LP38856 Layout Example
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: LP38856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com