Electronic Components Datasheet Search
  English  ▼

X  

LP38856 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LP38856
Description  3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38856 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LP38856 Datasheet HTML 6Page - Texas Instruments LP38856 Datasheet HTML 7Page - Texas Instruments LP38856 Datasheet HTML 8Page - Texas Instruments LP38856 Datasheet HTML 9Page - Texas Instruments LP38856 Datasheet HTML 10Page - Texas Instruments LP38856 Datasheet HTML 11Page - Texas Instruments LP38856 Datasheet HTML 12Page - Texas Instruments LP38856 Datasheet HTML 13Page - Texas Instruments LP38856 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LP38856-x.x
GND
OUT
IN
BIAS
EN
Under-Voltage
Lock-Out
Thermal
Shut Down
1.2V
Enable
VREF
0.6V
ILIMIT
rEN
LP38856
SNVS336F – JUNE 2006 – REVISED AUGUST 2015
www.ti.com
7 Detailed Description
7.1 Overview
The LP38556 is a fast-response, high-current, low-dropout regulator, available in output voltages 0.8 V and 1.2
V. This device is capable of delivering 3-A continuous load current. Standard regulator features, such as
overcurrent and overtemperature protection, are also included.
The LP38556 contains several features:
•
Low dropout voltage, typical 240 mV at 3-A load.
•
Low GND pin current, typical 10 mA at 3-A load.
•
A shutdown feature is available, allowing the regulator to consume only 1 µA when EN pin is low.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Enable Operation
The enable pin (EN) provides a mechanism to enable, or disable, the regulator output stage. The EN pin has an
internal pullup, through a typical 180-k
Ω resistor, to VBIAS.
If the EN pin is actively driven, pulling the EN pin above the VEN threshold of 1.25 V (typical) will turn the
regulator output on, while pulling the EN pin below the VEN threshold will turn the regulator output off. There is
approximately 100 mV of hysteresis built into the enable threshold provide noise immunity.
If the enable function is not needed, the EN pin must be left open, or connected directly to VBIAS. If the EN pin is
left open, stray capacitance on this pin must be minimized, otherwise the output turnon will be delayed while the
stray capacitance is charged through the internal resistance (rEN).
7.3.2 Input Voltage
The input voltage (VIN) is the high current external voltage rail that will be regulated down to a lower voltage,
which is applied to the load. The input voltage must be at least VOUT + VDO, and no higher than whatever value is
used for VBIAS.
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP38856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com