Electronic Components Datasheet Search
  English  ▼

X  

LP38856 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LP38856
Description  3A Fast-Response High-Accuracy LDO Linear Regulator With Enable
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38856 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LP38856 Datasheet HTML 8Page - Texas Instruments LP38856 Datasheet HTML 9Page - Texas Instruments LP38856 Datasheet HTML 10Page - Texas Instruments LP38856 Datasheet HTML 11Page - Texas Instruments LP38856 Datasheet HTML 12Page - Texas Instruments LP38856 Datasheet HTML 13Page - Texas Instruments LP38856 Datasheet HTML 14Page - Texas Instruments LP38856 Datasheet HTML 15Page - Texas Instruments LP38856 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
EN
VEN
IN
BIAS
GND
OUT
VOUT
VIN
VBIAS
CIN
10 PF Ceramic
COUT
10 PF
Ceramic
CBIAS
1 PF
GND
GND
LP38856-x.x
LP38856
SNVS336F – JUNE 2006 – REVISED AUGUST 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LP38856 can provide 3-A output current with 240-mV dropout voltage (typical). The bias voltage must be in
the range of 3 V to 5.5 V to ensure proper operation of the device. The input voltage must be at least VOUT +
VDO, and no higher than whatever value is used for VBIAS. Minimal input and output capacitor are 10 µF. The
capacitor on the bias pin must be at least 1
μF.
8.2 Typical Application
Figure 23. LP38856 Typical Application
8.2.1 Design Requirements
For LP38856 typical applications, use the parameters listed in Table 1 as the input parameters.
Table 1. Design Parameters
DESIGN PARAMETERS
VALUE
Bias voltage
3 V to 5.5 V
Input voltage
VOUT+0.3 V to VBIAS
Output voltage
0.8 V or 1.2 V
Output current
3 A (maximum)
Bias capacitor
1 µF (minimum)
Input capacitor
10 µF (minimum)
Output capacitor
10 uF (minimum)
8.2.2 Detailed Design Procedure
8.2.2.1 External Capacitors
To assure regulator stability, capacitors are required on the IN, OUT, and BIAS pins as shown in Figure 23.
8.2.2.1.1
Output Capacitor
A minimum output capacitance of 10 µF, ceramic, is required for stability. The amount of output capacitance can
be increased without limit. The output capacitor must be located less than 1 cm from the output pin of the device
and returned to the device ground pin with a clean analog ground.
Only high quality ceramic types such as X5R or X7R should be used, as the Z5U and Y5F types do not provide
sufficient capacitance over temperature.
12
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: LP38856



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com