Electronic Components Datasheet Search
  English  ▼

X  

UBA2017 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UBA2017
Description  600 V fluorescent lamp driver with linear dimming function
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2017 Datasheet(HTML) 4 Page - NXP Semiconductors

  UBA2017 Datasheet HTML 1Page - NXP Semiconductors UBA2017 Datasheet HTML 2Page - NXP Semiconductors UBA2017 Datasheet HTML 3Page - NXP Semiconductors UBA2017 Datasheet HTML 4Page - NXP Semiconductors UBA2017 Datasheet HTML 5Page - NXP Semiconductors UBA2017 Datasheet HTML 6Page - NXP Semiconductors UBA2017 Datasheet HTML 7Page - NXP Semiconductors UBA2017 Datasheet HTML 8Page - NXP Semiconductors UBA2017 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 29 page
background image
UBA2017
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 15 May 2012
4 of 29
NXP Semiconductors
UBA2017/UBA2017A
600 V fluorescent lamp driver with linear dimming function
6.
Pinning information
6.1 Pinning
6.2 Pin description
UBA2017T: pin 10 is n.c. (not connected).
UBA2017AT: pin 10 is input pin DIM.
UBA2017P: pin 10 is n.c. (not connected).
UBA2017AP: pin 10 is input pin DIM.
Fig 2.
Pin configuration UBA2017T/UBA2017AT
(SO16)
Fig 3.
Pin configuration UBA2017P/UBA2017AP
(DIP16)
aaa-001477
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
UBA2017
SLHB
GHHB
IFB
FSHB
EOL
SHHB
VFB
GLHB
IREF
VDD
CIFB
GND
CF
DIM or n.c.
CPT
PH/EN
aaa-001478
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
SLHB
IFB
EOL
VFB
IREF
CIFB
CF
CPT
GHHB
FSHB
SHHB
GLHB
VDD
GND
DIM or n.c.
PH/EN
UBA2017
Table 3.
Pin description
Symbol Pin
Description
UBA2017AT/AP UBA2017P/T
SLHB
1
1
half-bridge (HB) low-side switch current sense input
IFB
2
2
lamp current feedback input
EOL
3
3
end-of-life sensing input
VFB
4
4
lamp voltage feedback input
IREF
5
5
reference current setting
CIFB
6
6
lamp current feedback compensation
CF
7
7
high frequency (HF) oscillator timing capacitor
CPT
8
8
preheat and fault timing capacitor
PH/EN
9
9
preheat frequency setting combined with enable
DIM
10
-
dimming function input (UBA2017AT/AP)
n.c.
-
10
UBA2017P/T
GND
11
11
ground
VDD
12
12
supply
GLHB
13
13
HB low-side switch gate driver output
SHHB
14
14
HB high-side source connection
FSHB
15
15
HB floating supply connection
GHHB
16
16
HB high-side switch gate driver output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com