Electronic Components Datasheet Search
  English  ▼

X  

UBA2017 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # UBA2017
Description  600 V fluorescent lamp driver with linear dimming function
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2017 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button UBA2017 Datasheet HTML 18Page - NXP Semiconductors UBA2017 Datasheet HTML 19Page - NXP Semiconductors UBA2017 Datasheet HTML 20Page - NXP Semiconductors UBA2017 Datasheet HTML 21Page - NXP Semiconductors UBA2017 Datasheet HTML 22Page - NXP Semiconductors UBA2017 Datasheet HTML 23Page - NXP Semiconductors UBA2017 Datasheet HTML 24Page - NXP Semiconductors UBA2017 Datasheet HTML 25Page - NXP Semiconductors UBA2017 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
UBA2017
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 15 May 2012
22 of 29
NXP Semiconductors
UBA2017/UBA2017A
600 V fluorescent lamp driver with linear dimming function
[1]
Default setting; see Table 7.
tto(ph)/tto(fault)
ratio between preheat time-out time and
fault time-out time
Rpar(ext) =700 k
Ω; Rs(ext) not
connected (short)
33.4
3.8
Rpar(ext) not connected (open);
Rs(ext) not connected (short)
4.7
5.2
5.7
Rpar(ext) not connected (open);
Rs(ext) =40 k
Ω
911.5
14
Temperature protection
Tth(act)otp
overtemperature protection activation
threshold temperature
120
140
160
°C
Tth(rel)otp
overtemperature protection release
threshold temperature
65
80
95
°C
Table 6.
Characteristics …continued
Tamb = 25 °C; settings according to default setting[1]; all voltages referenced to GND; current flow into the IC is positive;
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 7.
Default settings for characteristics
Pin name
Pin
Application
SLHB
1
connected to ground
IFB
2
connected to ground
EOL
3
connected to a 1.6 V test supply
VFB
4
connected to a 0.5 V test supply
IREF
5
connected via a 33 k
Ω resistor to ground
CIFB
6
connected via a 100 nF capacitor to ground
CF
7
connected via a 200 pF C0G (NP0) capacitor to ground
CPT
8
connected via a 100 nF capacitor to ground
DIM
9
connected via a 100 pF capacitor to ground
PH/EN
10
not connected
GND
11
connected to ground
VDD
12
connected to a 13 V test supply
GLHB
13
not connected (open)
SHHB
14
connected to ground
FSHB
15
connected to a 13 V test supply
GHHB
16
not connected (open)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com