Electronic Components Datasheet Search
  English  ▼

X  

UBA2017 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # UBA2017
Description  600 V fluorescent lamp driver with linear dimming function
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2017 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button UBA2017 Datasheet HTML 7Page - NXP Semiconductors UBA2017 Datasheet HTML 8Page - NXP Semiconductors UBA2017 Datasheet HTML 9Page - NXP Semiconductors UBA2017 Datasheet HTML 10Page - NXP Semiconductors UBA2017 Datasheet HTML 11Page - NXP Semiconductors UBA2017 Datasheet HTML 12Page - NXP Semiconductors UBA2017 Datasheet HTML 13Page - NXP Semiconductors UBA2017 Datasheet HTML 14Page - NXP Semiconductors UBA2017 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
UBA2017
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 15 May 2012
11 of 29
NXP Semiconductors
UBA2017/UBA2017A
600 V fluorescent lamp driver with linear dimming function
If either saturation or overvoltage is triggered, it overrules the frequency sweep-down and
hold the frequency at the border where the fault appeared and start the fault timer. When
the fault time-out tto(fault) is reached the IC enters the Auto-restart state if it was the first
ignition attempt, otherwise it enters the Stop state; see Figure 6 “State diagram”.
7.3.6 Auto-restart
The Auto-restart state is entered after a fault time-out in the Ignition state during the first
ignition attempt. See Figure 6 “State diagram”. When the IC is in the Auto-restart state, it
draws supply current Irestart(VDD). This slowly discharges the buffer capacitor on pin VDD
until the voltage on this pin drops below Vrestart(VDD). The IC then enters the Standby state.
Here the VDD capacitor is charged again to start a second ignition attempt. The bleeder
current must be between standby current Istb(VDD) and Irestart(VDD). A time delay can be set
between the two ignition attempts with the capacitor at pin VDD to reduce stress on the
HB components.
7.3.7 Burn
In the Burn state, the lamp current regulation and all protection circuits are active.
7.3.7.1
Lamp current control and dimming
The AC lamp current is sensed by an external resistor connected to pin IFB. The resulting
AC voltage on pin IFB is internally Double-Side Rectified (DSR), and compared to a
reference level by an OTA. This reference level is determined by the internal reference
regulation level Vreg(ref) and the voltage on the DIM input (UBA2017A only), as shown in
Figure 8 “Lamp current control”.
Definition: the regulation voltage on pin IFB (Vreg(IFB)) is the level seen from outside the IC
to which the IC tries to regulate the average absolute voltage on pin IFB.
If the DIM input is not present or not connected or VDIM >Vreg(ref) then Vreg(IFB) is
Vreg(ref) + non-idealities from the OTA and the DSR else Vreg(IFB) =VDIM + non-idealities
from OTA and DSR.
The DIM input controls the lamp current set point (UBA2017A only). The DIM input level is
internally clamped to Vreg(ref). The lowest possible DIM input level is set by the bias current
on pin DIM Ibias(DIM) and the external resistance on the pin. If no dimming is required, pin
DIM can be left open or connected via a capacitor to ground. The internal current source
Ibias(DIM) will then charge the pin until it is internally clamped to Vreg(ref).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com