Electronic Components Datasheet Search
  English  ▼

X  

UBA2017 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # UBA2017
Description  600 V fluorescent lamp driver with linear dimming function
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2017 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button UBA2017 Datasheet HTML 4Page - NXP Semiconductors UBA2017 Datasheet HTML 5Page - NXP Semiconductors UBA2017 Datasheet HTML 6Page - NXP Semiconductors UBA2017 Datasheet HTML 7Page - NXP Semiconductors UBA2017 Datasheet HTML 8Page - NXP Semiconductors UBA2017 Datasheet HTML 9Page - NXP Semiconductors UBA2017 Datasheet HTML 10Page - NXP Semiconductors UBA2017 Datasheet HTML 11Page - NXP Semiconductors UBA2017 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
UBA2017
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 15 May 2012
8 of 29
NXP Semiconductors
UBA2017/UBA2017A
600 V fluorescent lamp driver with linear dimming function
Fig 6.
State diagram
reset OR disable
VDD high AND
enable AND
NOT(overtemp)
GLHB AND
(reset OR disable)
GLHB AND
(VDD low
OR overtemp)
reset
restart
NOT(reset)
Preheat time completed
f low OR
ignition detected
aaa-001480
Non oscillating states
(IC is off)
Low power consumption
GHHB and GPFC low
Oscillating states
(IC is on)
Reset state
GLHB low
stop latch and ignition
attempt counter are reset
Preheat state
EOL disabled
frequency is decreased
until HB preheat current or
the set value for the
preheat frequency
is reached
Power on
Standby state
GLHB high
Stop state
GLHB low
fast fault
fault timeout
Other definitions:
enable = (VFFPRHT > Vth(en)(FFPRHT))
disable = NOT(enable)
ignition detected = (VIFB > Vth(lod)(IFB)) AND (VVFB < Vth(lod)(VFB))
Auto-restart
state
GLHB low
Ignition state
EOL disabled
frequency is decreased
as long as no lamp overvoltage
or HB overcurrent
is detected
Burn state
ignition attempt counter is reset
EOL protection enabled
Frequency determined by lamp
current regulation loop
fault timeout
AND
(ignition attempts = 1)
fault definitions:
overtemp =
fast fault =
slow fault =
the fault timer is started by slow fault and runs as
long as slow fault continues. NOT(slow fault) resets
the fault timer.
(1)(BURN state only)
{set} T > Tth(act)otp
{reset} T < Tth(rel)otp
over voltage extra OR
capacitive mode OR
(over current lamp AND f high) OR
coil saturation(1)
CPT low OR
VFB low OR
over voltage OR
(over voltage end of life AND
NOT (deep dimming))(1) OR
coil saturation OR
hardswitching OR
asymetrical end of life(1)
fault timeout
AND
(ignition attempts = 2)
Supply voltage definitions
reset = (VDD < Vrst(VDD))
restart = (VDD < Vrestart(VDD))
VDD low = (VDD < Vstop(VDD))
VDD high = (VDD > Vstartup(VDD))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com