Electronic Components Datasheet Search
  English  ▼

X  

UBA2017 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # UBA2017
Description  600 V fluorescent lamp driver with linear dimming function
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2017 Datasheet(HTML) 1 Page - NXP Semiconductors

  UBA2017 Datasheet HTML 1Page - NXP Semiconductors UBA2017 Datasheet HTML 2Page - NXP Semiconductors UBA2017 Datasheet HTML 3Page - NXP Semiconductors UBA2017 Datasheet HTML 4Page - NXP Semiconductors UBA2017 Datasheet HTML 5Page - NXP Semiconductors UBA2017 Datasheet HTML 6Page - NXP Semiconductors UBA2017 Datasheet HTML 7Page - NXP Semiconductors UBA2017 Datasheet HTML 8Page - NXP Semiconductors UBA2017 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
1.
General description
The UBA2017/UBA2017A are high-voltage Integrated Circuits (IC) intended to drive
fluorescent lamps with filaments such as Tube Lamps (TL) and Compact Fluorescent
Lamps (CFL) in general lighting applications. The IC comprises a fluorescent lamp control
module, half-bridge driver and several protection mechanisms. The IC drives fluorescent
lamps using a half-bridge circuit made of two MOSFETs with a supply voltage of up to
600 V.
The UBA2017/UBA2017A are supplied by a start-up bleeder resistor and a dV/dt supply
from the half-bridge circuit, or any other auxiliary supply derived from the half-bridge. The
supply current of the IC is low. An internal clamp limits the supply voltage.
2.
Features and benefits
Half-bridge driver features:
Integrated level-shifter for the high-side driver of the half-bridge
Integrated bootstrap diode for the high-side driver supply of the half-bridge
Independent non-overlap time
Fluorescent lamp controller features:
Linear dimming (UBA2017A only)
EOL (End-Of-Life) detection (both symmetrical and asymmetrical)
Adjustable preheat time
Adjustable preheat current
Adjustable fixed frequency preheat
Lamp ignition failure detection
Ignition detection of all lamps at multiple lamps with separate resonant tanks
Second ignition attempt if first failed
Constant output power independent of mains voltage variations
Automatic restart after changing lamps
Lamp current control
Enable input
Protection
Hard switching/capacitive mode protection
Half-bridge overcurrent (coil saturation) protection
Lamp overvoltage (lamp removal) protection
Temperature protection
UBA2017/UBA2017A
600 V fluorescent lamp driver with linear dimming function
Rev. 2 — 15 May 2012
Product data sheet


Similar Part No. - UBA2017

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UBA2014 PHILIPS-UBA2014 Datasheet
111Kb / 20P
600 V driver IC for HF fluorescent lamps
2002 May 16
UBA2014 NXP-UBA2014 Datasheet
112Kb / 19P
600 V driver IC for HF fluorescent lamps
Rev. 04-16 October 2008
UBA2014P PHILIPS-UBA2014P Datasheet
111Kb / 20P
600 V driver IC for HF fluorescent lamps
2002 May 16
UBA2014P NXP-UBA2014P Datasheet
112Kb / 19P
600 V driver IC for HF fluorescent lamps
Rev. 04-16 October 2008
UBA2014T PHILIPS-UBA2014T Datasheet
111Kb / 20P
600 V driver IC for HF fluorescent lamps
2002 May 16
More results

Similar Description - UBA2017

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSC1209 OKI-MSC1209 Datasheet
172Kb / 16P
42-Bit Vacuum Fluorescent Display Tube Driver with Digital Dimming Function
logo
Texas Instruments
UC1871 TI-UC1871 Datasheet
466Kb / 6P
Resonant Fluorescent Lamp Driver
logo
NXP Semiconductors
UBA2014 PHILIPS-UBA2014 Datasheet
111Kb / 20P
600 V driver IC for HF fluorescent lamps
2002 May 16
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
Cold Cathode Fluorescent Lamp Driver
logo
NXP Semiconductors
UBA2014 NXP-UBA2014 Datasheet
112Kb / 19P
600 V driver IC for HF fluorescent lamps
Rev. 04-16 October 2008
UBA2016A PHILIPS-UBA2016A Datasheet
375Kb / 42P
600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 1-20 May 2011
UBA2016A_1111 PHILIPS-UBA2016A_1111 Datasheet
381Kb / 42P
600 V fluorescent lamp driver with PFC, linear dimming and boost function
Rev. 3-16 November 2011
logo
Texas Instruments
UC1871-12 TI1-UC1871-12 Datasheet
1,014Kb / 14P
Resonant Fluorescent Lamp Driver
logo
Monolithic Power System...
HR2000 MPS-HR2000 Datasheet
992Kb / 20P
Fluorescent Lamp HB Driver with PFC
logo
Shenzhen Huazhimei Semi...
HM6001 HMSEMI-HM6001 Datasheet
447Kb / 7P
Touch table lamp controller with stepless dimming function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com