Electronic Components Datasheet Search
  English  ▼

X  

UBA2017 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # UBA2017
Description  600 V fluorescent lamp driver with linear dimming function
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2017 Datasheet(HTML) 2 Page - NXP Semiconductors

  UBA2017 Datasheet HTML 1Page - NXP Semiconductors UBA2017 Datasheet HTML 2Page - NXP Semiconductors UBA2017 Datasheet HTML 3Page - NXP Semiconductors UBA2017 Datasheet HTML 4Page - NXP Semiconductors UBA2017 Datasheet HTML 5Page - NXP Semiconductors UBA2017 Datasheet HTML 6Page - NXP Semiconductors UBA2017 Datasheet HTML 7Page - NXP Semiconductors UBA2017 Datasheet HTML 8Page - NXP Semiconductors UBA2017 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
UBA2017
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 15 May 2012
2 of 29
NXP Semiconductors
UBA2017/UBA2017A
600 V fluorescent lamp driver with linear dimming function
3.
Applications
Intended for fluorescent lamp ballasts with either a UBA2017A dimmable or a
UBA2017 fixed output for AC mains voltages up to 390 V.
4.
Ordering information
[1]
If you require PFC functionality, see the UBA2016A, UBA2015A and UBA2015.
Table 1.
Ordering information
Type number
Package
Name
Description
Version
UBA2017T/N1
SO16
plastic small package outline package; 16 leads; body width 3.9 mm
SOT109-1
UBA2017AT/N1
UBA2017P/N1
DIP16
plastic dual in-line package; 16 leads; (300 mil)
SOT38-4
UBA2017AP/N1
Table 2.
Functional selection
Type
PFC
Dimmable
Fixed frequency preheat
UBA2017P/T
no[1]
no
yes
UBA2017AP/AT
no[1]
yes
yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com