Electronic Components Datasheet Search
  English  ▼

X  

UBA2017 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # UBA2017
Description  600 V fluorescent lamp driver with linear dimming function
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UBA2017 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button UBA2017 Datasheet HTML 15Page - NXP Semiconductors UBA2017 Datasheet HTML 16Page - NXP Semiconductors UBA2017 Datasheet HTML 17Page - NXP Semiconductors UBA2017 Datasheet HTML 18Page - NXP Semiconductors UBA2017 Datasheet HTML 19Page - NXP Semiconductors UBA2017 Datasheet HTML 20Page - NXP Semiconductors UBA2017 Datasheet HTML 21Page - NXP Semiconductors UBA2017 Datasheet HTML 22Page - NXP Semiconductors UBA2017 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
UBA2017
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 2 — 15 May 2012
19 of 29
NXP Semiconductors
UBA2017/UBA2017A
600 V fluorescent lamp driver with linear dimming function
9.
Thermal characteristics
10. Characteristics
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-a)
thermal resistance from junction to
ambient
in free air; mounted on a single-sided PCB;
SO16 package
120
K/W
in free air; mounted on a single-sided PCB;
DIP16 package
90
K/W
Table 6.
Characteristics
Tamb = 25 °C; settings according to default setting[1]; all voltages referenced to GND; current flow into the IC is positive;
unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
High voltage
Ileak
leakage current
VFSHB =630 V;
VGHHB =630 V;
VSHHB = 630 V; VVDD =0V
--
2
μA
Start-up
Vstartup(VDD)
start-up voltage on pin VDD
11.9
12.4
12.9
V
Vstop(VDD)
stop voltage on pin VDD
9.6
10.0
10.4
V
Vhys(VDD)
hysteresis voltage on pin VDD
2.1
2.4
2.7
V
Istb(VDD)
standby current on pin VDD
VVDD = 11.5 V
0.2
0.24
0.28
mA
Ipu(PH/EN)
pull-up current on pin PH/EN
Standby or Stop state;
VPH/EN =0.25V
7.7
9
10.3
μA
Vrst(VDD)
reset voltage on pin VDD
3.6
4.2
4.8
V
Vrestart(VDD)
restart voltage on pin VDD
6.2
6.5
6.8
V
Irestart(VDD)
restart current on pin VDD
VVDD = 9 V
0.85
1.1
1.35
mA
Vclamp(VDD)
clamp voltage on pin VDD
IC off; IVDD = 0.33 mA
13.0
13.4
13.8
V
Iclamp(VDD)
clamp current on pin VDD
IC off; VVDD = 14.0 V
25
45
-
mA
IVDD
supply current
1.2
1.7
2.2
mA
HB preheat
Rext(PH/EN)
external resistance on pin PH/EN
38.6
-
-
k
Ω
tto(ph)
preheat time-out time
CCPT = 100 nF
0.8
0.94
1.08
s
VO(PH/EN)
output voltage on pin PH/EN
during preheat or ignition state
1.78
1.84
1.9
V
Vctrl(ph)SLHB
overcurrent protection threshold voltage
on pin SLHB
preheat
0.44
0.48
0.52
V
Ich(CIFB)
charge current on pin CIFB
no fault detected; Preheat and
Ignition states only;
VCIFB =1.5 V
−10.3 −9.0
−7.7
μA
Idch(CIFB)
discharge current on pin CIFB
preheat overcurrent detected;
VCIFB =1.5 V
7.7
9.0
10.3
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com