Electronic Components Datasheet Search
  English  ▼

X  

LM3668 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3668
Description  1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3668 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3668 Datasheet HTML 3Page - Texas Instruments LM3668 Datasheet HTML 4Page - Texas Instruments LM3668 Datasheet HTML 5Page - Texas Instruments LM3668 Datasheet HTML 6Page - Texas Instruments LM3668 Datasheet HTML 7Page - Texas Instruments LM3668 Datasheet HTML 8Page - Texas Instruments LM3668 Datasheet HTML 9Page - Texas Instruments LM3668 Datasheet HTML 10Page - Texas Instruments LM3668 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LOAD (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1000
VIN = 3.3V
VIN = 3.6V
VIN = 2.5V
VIN = 2.7V
VIN = 5.5V
LOAD (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1000
VIN = 5.0V
VIN = 3.6V
VIN = 2.5V
VIN = 2.7V
VIN = 5.5V
LOAD (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1000
VIN = 5.5V
VIN = 3.3V
VIN = 3.6V
VIN = 2.5V
VIN = 2.7V
LOAD (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1000
VIN = 5.0V
VIN = 3.6V
VIN = 2.5V
VIN = 2.7V
VIN = 5.5V
LOAD (mA)
100
90
80
70
60
50
40
30
20
10
0
0
1
10
100
1000
VIN = 5.5V
VIN = 5.0V
VIN = 3.6V
VIN = 2.5V
VIN = 2.7V
LM3668
www.ti.com
SNVS449O – JUNE 2007 – REVISED APRIL 2015
Typical Characteristics (continued)
Typical Application Circuit (see Figure 46): VIN = 3.6 V, L = 2.2 µH, CIN = 10 µF, COUT = 22 µF
(4), T
A = 25°C , unless otherwise
stated.
Figure 7. Efficiency at VOUT = 2.8 V (Auto Mode)
Figure 8. Efficiency at VOUT = 3 V (Forced PWM Mode)
Figure 9. Efficiency at VOUT = 3 V (Auto Mode)
Figure 10. Efficiency at VOUT = 3.3 V (Forced PWM Mode)
Figure 11. Efficiency at VOUT = 3.3 V (Auto Mode)
Figure 12. Efficiency at VOUT = 3.4 V (Forced PWM Mode)
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3668



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com