Electronic Components Datasheet Search
  English  ▼

X  

LM3668 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3668
Description  1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3668 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3668 Datasheet HTML 12Page - Texas Instruments LM3668 Datasheet HTML 13Page - Texas Instruments LM3668 Datasheet HTML 14Page - Texas Instruments LM3668 Datasheet HTML 15Page - Texas Instruments LM3668 Datasheet HTML 16Page - Texas Instruments LM3668 Datasheet HTML 17Page - Texas Instruments LM3668 Datasheet HTML 18Page - Texas Instruments LM3668 Datasheet HTML 19Page - Texas Instruments LM3668 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
+
-
+
-
+
-
VOS
Vramp
P1b_PWM
P2b_PWM
Vcenter
Vc
PWM
Generator
LM3668
SNVS449O – JUNE 2007 – REVISED APRIL 2015
www.ti.com
8.4 Device Functional Modes
8.4.1 PWM Operation
In PWM operation, the output voltage is regulated by switching at a constant frequency and then modulating the
energy per cycle to control power to the load. In Normal operation, the internal error amplifier provides an error
signal, Vc, from the feedback voltage and Vref. The error amplifier signal, Vc, is compared with a voltage,
Vcenter, and used to generate the PWM signals for both buck & boost modes. Signal Vcenter is a DC signal
which sets the transition point of the buck and boost modes. Below are three regions of operation:
•
Region I: If Vc is less than Vcenter, Buck mode.
•
Region II: If Vc and Vcenter are equal, both PMOS switches (P1, P2) are on and both NMOS switches (N1,
N2) are off. The power passes directly from input to output via P1 & P2
•
Region III: If Vc is greater than Vcenter, Boost mode.
The Buck-Boost operation is avoided, to improve the efficiency across VIN and load range.
Figure 43. PWM Generator Block Diagram
8.4.2 PFM Operation
At very light loads, the converter enters PFM mode and operates with reduced switching frequency and supply
current to maintain high efficiency. The part automatically transitions into PFM mode when either of two following
conditions occur for a duration of 128 or more clock cycles:
A. The inductor current reaches zero.
B. The peak inductor current drops below the IMODE level, (Typically IMODE < 45 mA + VIN/80 Ω ).
In PFM operation, the compensation circuit in the error amplifier is turned off. The error amplifier works as a
hysteretic comparator. The PFM comparator senses the output voltage via the feedback pin and controls the
switching of the output FETs such that the output voltage ramps between ~0.8% and ~1.6% of the nominal PWM
output voltage (Figure 44). If the output voltage is below the ‘high’ PFM comparator threshold, the P1 & P2 (Buck
mode) or N2 & P1 (Boost mode) power switches are turned on. It remains on until the output voltage reaches the
‘high’ PFM threshold or the peak current exceeds the IPFM level set for PFM mode. The typical peak current in
PFM mode is: IPFM = 220 mA
Once the P1 (Buck mode) or N2 (Boost mode) power switch is turned off, the N1 & P2 (Buck mode) or P1 & P2
(Boost mode) power switches are turned on until the inductor current ramps to zero. When the zero inductor
current condition is detected, the N1(Buck mode) or P2 (Boost mode) power switches are turned off. If the output
voltage is below the ‘high’ PFM comparator threshold, the P1 & P2 (Buck mode) or N2 & P1 (Boost mode)
switches are again turned on and the cycle is repeated until the output reaches the desired level. Once the
output reaches the ‘high’ PFM threshold, the N1 & P2 (Buck mode) or P1 & P2 (Boost mode) switches are turned
on briefly to ramp the inductor current to zero, then both output switches are turned off and the part enters an
extremely low power mode. Quiescent supply current during this ‘sleep’ mode is 45 µA (typ), which allows the
part to achieve high efficiency under extremely light load conditions.
16
Submit Documentation Feedback
Copyright © 2007–2015, Texas Instruments Incorporated
Product Folder Links: LM3668



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com