Electronic Components Datasheet Search
  English  ▼

X  

LM3668 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # LM3668
Description  1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3668 Datasheet(HTML) 19 Page - Texas Instruments

Back Button LM3668 Datasheet HTML 15Page - Texas Instruments LM3668 Datasheet HTML 16Page - Texas Instruments LM3668 Datasheet HTML 17Page - Texas Instruments LM3668 Datasheet HTML 18Page - Texas Instruments LM3668 Datasheet HTML 19Page - Texas Instruments LM3668 Datasheet HTML 20Page - Texas Instruments LM3668 Datasheet HTML 21Page - Texas Instruments LM3668 Datasheet HTML 22Page - Texas Instruments LM3668 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
FB
2.8V/3.3V
SW1
SW2
EN
LM3668
PVIN
PGND
SYNC/MODE
VSEL
L = 2.8V
H = 3.3V
VIN = 2.5V - 5.5V
SGND
VOUT
VDD
C2
22 2F
C1
10 2F
2.2 2H
NC
LM3668
www.ti.com
SNVS449O – JUNE 2007 – REVISED APRIL 2015
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 MODE/SYNC Pin
If the MODE/SYNC pin is set high, the device is set to operate at PWM mode only. If MODE/SYNC pin is set low,
the device is set to automatically transition from PFM to PWM or PWM to PFM depending on the load current.
Do not leave this pin floating. The MODE/SYNC pin can also be driven by an external clock to set the desired
switching frequency between 1.6 MHz to 2.7 MHz.
9.1.2 VSEL Pin
The LM3668 has built in logic for conveniently setting the output voltage, for example if VVSEL high, the output is
set to 3.3 V; with VVSEL low the output is set to 2.8 V. It is not recommended to use this function for dynamically
switching between 2.8 V and 3.3 V or switching at maximum load.
9.2 Typical Application
Figure 46. LM3668 Typical Application Circuit
9.2.1 Design Requirements
9.2.1.1 Maximum Current
The LM3668 is designed to operate up to 1 A. For input voltages at 2.5 V, the maximum operating current is 600
mA and 800 mA for 2.7 V input voltage. In any mode it is recommended to avoid starting up the device at
minimum input voltage and maximum load. Special attention must be taken to avoid operating near thermal
shutdown when operating in boost mode at maximum load (1 A). A simple calculation can be used to determine
the power dissipation at the operating condition; PD-MAX = (TJ-MAX-OP – TA-MAX)/RθJA. The LM3668 has thermal
resistance RθJA = 47.3°C/W (see Thermal Information and maximum operating ambient of 85°C. As a result, the
maximum power dissipation using the above formula is around 845 mW.
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: LM3668



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com