Electronic Components Datasheet Search
  English  ▼

X  

LM3668 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3668
Description  1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3668 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3668 Datasheet HTML 7Page - Texas Instruments LM3668 Datasheet HTML 8Page - Texas Instruments LM3668 Datasheet HTML 9Page - Texas Instruments LM3668 Datasheet HTML 10Page - Texas Instruments LM3668 Datasheet HTML 11Page - Texas Instruments LM3668 Datasheet HTML 12Page - Texas Instruments LM3668 Datasheet HTML 13Page - Texas Instruments LM3668 Datasheet HTML 14Page - Texas Instruments LM3668 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
5 2s/DIV
5V/DIV
5V/DIV
50
mv/DIV
500
mA/DIV
SW2
SW1
VOUT_AC
LOAD
200 ns/DIV
5V/DIV
5V/DIV
50
mv/DIV
500
mA/DIV
SW2
SW1
VOUT_AC
LOAD
5 2s/DIV
2V/DIV
2V/DIV
50
mv/DIV
500
mA/DIV
SW2
SW1
VOUT_AC
LOAD
LM3668
www.ti.com
SNVS449O – JUNE 2007 – REVISED APRIL 2015
Typical Characteristics (continued)
Typical Application Circuit (see Figure 46): VIN = 3.6 V, L = 2.2 µH, CIN = 10 µF, COUT = 22 µF
(4), T
A = 25°C , unless otherwise
stated.
Figure 31. Load Transient in Boost Mode (Forced PWM
Figure 32. Typical Switching Waveform in Boost Mode
Mode) VIN = 3.5 V, VOUT = 5 V, Load = 0 to 500 mA
(PWM Mode) VIN = 2.7 V, VOUT = 3 V, Load = 500 mA
Figure 33. Typical Switching Waveform in Buck Mode (PWM
Figure 34. Typical Switching Waveformt in Boost Mode
Mode) VIN = 3.6 V, VOUT = 3 V, Load = 500 mA
(PFM Mode) VIN = 2.7 V, VOUT = 3 V, Load = 50 mA
Figure 36. Typical Switching Waveform in Boost Mode
Figure 35. Typical Switching Waveform in Buck Mode (PFM
(PWM Mode) VIN = 3 V, VOUT = 3.4 V, Load = 500 mA
Mode) VIN = 3.6 V, VOUT = 3 V, Load = 50mA
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3668



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com