Electronic Components Datasheet Search
  English  ▼

X  

LM3668 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM3668
Description  1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3668 Datasheet(HTML) 3 Page - Texas Instruments

  LM3668 Datasheet HTML 1Page - Texas Instruments LM3668 Datasheet HTML 2Page - Texas Instruments LM3668 Datasheet HTML 3Page - Texas Instruments LM3668 Datasheet HTML 4Page - Texas Instruments LM3668 Datasheet HTML 5Page - Texas Instruments LM3668 Datasheet HTML 6Page - Texas Instruments LM3668 Datasheet HTML 7Page - Texas Instruments LM3668 Datasheet HTML 8Page - Texas Instruments LM3668 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
DAP
11
12
10
9
8
7
6
5
4
3
2
1
FB
VSEL
MODE/
SYNC
SGND
NC
VDD
VOUT
SW2
PGND
SW1
PVIN
EN
1
2
3
4
9
10
11
12
8
DAP
5
7
6
VOUT
SW2
PGND
SW1
PVIN
EN
FB
VSEL
MODE/
SYNC
SGND
NC
VDD
LM3668
www.ti.com
SNVS449O – JUNE 2007 – REVISED APRIL 2015
5 Device Comparison Table
OUTPUT VOLTAGE
ORDER NUMBER
PACKAGE
PACKAGE MARKING
SUPPLIED AS
(V)
LM3668SD-2833/NOPB
2.8, VSEL = low
S017B
1000 units, tape-and-reel
3.3, VSEL = high
LM3668SDX-2833/NOPB
4500 units, tape-and-reel
LM3668SD-3034/NOPB
3, VSEL = low
S018B
1000 units, tape-and-reel
DQB (WSON)
3.4, VSEL = high
LM3668SDX-3034/NOPB
4500 units, tape-and-reel
LM3668SD-4550/NOPB
4.5, VSEL = low
S019B
1000 units, tape-and-reel
5, VSEL = high
LM3668SDX-4550/NOPB
4500 units, tape-and-reel
6 Pin Configuration and Functions
DQB Package
DQB Package
12-Pin WSON
12-Pin WSON
Top View
Bottom View
Pin Functions(1)
PIN
TYPE
DESCRIPTION
NO.
NAME
1
VOUT
A
Connect to output capacitor.
2
SW2
A
Switching node connection to the internal PFET switch (P2) and NFET synchronous
rectifier (N2).
3
PGND
G
Power ground.
4
SW1
A
Switching node connection to the internal PFET switch (P1) and NFET synchronous
rectifier (N1).
5
PVIN
P
Supply to the power switch, connect to the input capacitor.
6
EN
I
Enable input. Set this digital input high for normal operation. For shutdown, set low.
7
VDD
P
Signal supply input. If board layout is not optimum an optional 1-µF ceramic capacitor
is suggested as close to this pin as possible.
8
NC
-
No connect. Connect this pin to SGND on PCB layout.
9
SGND
G
Analog and Control Ground.
10
MODE/SYNC
I
Mode = LOW, Automatic Mode. Mode= HI, forced PWM Mode. SYNC = external clock
synchronization from 1.6 MHz to 2.7 MHz.(When SYNC function is used, device is
forced in PWM mode).
11
VSEL
I
Voltage selection pin; (for example, 2.8-V-3.3-V option) logic input low (or GND) = 2.8
V and logic high = 3.3 V (or VIN) to set output voltage.
12
FB
A
Feedback analog input. Connect to the output at the output filter.
DAP
DAP
-
Die Attach Pad, connect the DAP to SGND on PCB layout to enhance thermal
performance. It should not be used as a primary ground connection.
(1)
A: Analog Pin, G: Ground Pin, P: Power Pin, I: Digital Input Pin
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3668



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com