Electronic Components Datasheet Search
  English  ▼

X  

LM3668 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3668
Description  1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3668 Datasheet(HTML) 1 Page - Texas Instruments

  LM3668 Datasheet HTML 1Page - Texas Instruments LM3668 Datasheet HTML 2Page - Texas Instruments LM3668 Datasheet HTML 3Page - Texas Instruments LM3668 Datasheet HTML 4Page - Texas Instruments LM3668 Datasheet HTML 5Page - Texas Instruments LM3668 Datasheet HTML 6Page - Texas Instruments LM3668 Datasheet HTML 7Page - Texas Instruments LM3668 Datasheet HTML 8Page - Texas Instruments LM3668 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
FB
2.8V/3.3V
SW1
SW2
EN
LM3668
PVIN
PGND
SYNC/MODE
VSEL
L = 2.8V
H = 3.3V
VIN = 2.5V - 5.5V
SGND
VOUT
VDD
C2
22 2F
C1
10 2F
2.2 2H
NC
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM3668
SNVS449O – JUNE 2007 – REVISED APRIL 2015
LM3668 1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
1 Features
2 Applications
1
•
45-µA Typical Quiescent Current
•
Handset Peripherals
•
For 2.8-V-3.3-V and 3-V-3.4-V Versions:
•
MP3 Players
•
Pre-Regulation for Linear Regulators
–
1-A Maximum Load Current for
VIN = 2.8 V to 5.5 V
•
PDAs
–
800-mA Maximum Load Current for
•
Portable Hard Disk Drives
VIN = 2.7 V
•
WiMax Modems
–
600-mA Maximum Load Current for
VIN = 2.5 V
3 Description
•
For 4.5 V-5 V
The LM3668 is a synchronous buck-boost DC-DC
converter optimized for powering low voltage circuits
–
1-A Maximum Load Current for
from a Li-Ion battery and input voltage rails between
VIN = 3.9 V to 5.5 V
2.5 V and 5.5 V. It has the capability to support up to
–
800-mA Maximum Load Current for
1-A output current over the output voltage range. The
VIN = 3.4 V to 3.8 V
LM3668 regulates the output voltage over the
complete
input
voltage
range
by
automatically
–
700-mA Maximum Load Current for
switching between buck or boost modes depending
VIN = 3 V to 3.3 V
on the input voltage.
–
600-mA Maximum Load Current for
The LM3668 has 2 N-channel MOSFETS and 2 P-
VIN = 2.7 V to 2.9 V
channel MOSFETS arranged in a topology that
•
2.2-MHz PWM Fixed Switching Frequency
provides continuous operation through the buck and
(Typical)
boost operating modes. There is a MODE pin that
•
Automatic PFM-PWM Mode or Forced PWM
allows the user to choose between an intelligent
Mode
automatic PFM-PWM mode operation and forced
PWM
operation.
During
PWM
mode,
a
fixed-
•
Wide Input Voltage Range: 2.5 V to 5.5 V
frequency 2.2 MHz (typical) is used. PWM mode
•
Internal Synchronous Rectification for High
drives load up to 1 A. Hysteretic PFM mode extends
Efficiency
the battery life through reduction of the quiescent
•
Internal Soft Start: 600-µs Maximum Start-Up
current to 45 µA (typical) at light loads during system
Time After VIN Settled
standby. Internal synchronous rectification provides
high efficiency. In shutdown mode (EN pin pulled
•
0.01-µA Typical Shutdown Current
low), the device turns off and reduces battery
•
Current Overload and Thermal Shutdown
consumption to 0.01 µA (typical).
Protection
A high switching frequency of 2.2 MHz (typical)
•
Frequency Sync Pin: 1.6 MHz to 2.7 MHz
allows the use of tiny surface-mount components
including a 2.2-µH inductor, a 10-µF input capacitor,
Typical Application Circuit
and a 22-µF output capacitor.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM3668
WSON (12)
3.00 mm x 3.00 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM3668

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668 TI1-LM3668 Datasheet
4Mb / 26P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
Texas Instruments
LM3668-Q1 TI-LM3668-Q1 Datasheet
1Mb / 24P
1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
More results

Similar Description - LM3668

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3668 NSC-LM3668 Datasheet
2Mb / 16P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668 NSC-LM3668_08 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668_0809 NSC-LM3668_0809 Datasheet
4Mb / 18P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
logo
STMicroelectronics
STBB1-APUR STMICROELECTRONICS-STBB1-APUR Datasheet
1Mb / 22P
1 A, high efficiency single inductor dual mode buck-boost DC-DC converter
04-Oct-2011
logo
Texas Instruments
LM3668 TI1-LM3668_14 Datasheet
4Mb / 26P
1A, High Efficiency Dual Mode Single Inductor Buck-Boost DC/DC Converter
LM3668-Q1 TI-LM3668-Q1_15 Datasheet
1Mb / 24P
1A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
logo
STMicroelectronics
STBB3J STMICROELECTRONICS-STBB3J Datasheet
1Mb / 25P
2 A, high efficiency single inductor buck-boost DC-DC converter
10-Dec-2015
logo
Monolithic Power System...
EV2155-Q-00A MPS-EV2155-Q-00A Datasheet
599Kb / 8P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28163-Q-00A MPS-EV28163-Q-00A Datasheet
597Kb / 8P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
EV28164-D-00A MPS-EV28164-D-00A Datasheet
1Mb / 9P
High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com