Electronic Components Datasheet Search
  English  ▼

X  

LM3668 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # LM3668
Description  1-A, High-Efficiency Dual-Mode Single-Inductor Buck-Boost DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3668 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM3668 Datasheet HTML 9Page - Texas Instruments LM3668 Datasheet HTML 10Page - Texas Instruments LM3668 Datasheet HTML 11Page - Texas Instruments LM3668 Datasheet HTML 12Page - Texas Instruments LM3668 Datasheet HTML 13Page - Texas Instruments LM3668 Datasheet HTML 14Page - Texas Instruments LM3668 Datasheet HTML 15Page - Texas Instruments LM3668 Datasheet HTML 16Page - Texas Instruments LM3668 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
SW2
SW1
P2
N2
VOUT
P1
N1
VIN
LM3668
www.ti.com
SNVS449O – JUNE 2007 – REVISED APRIL 2015
8 Detailed Description
8.1 Overview
The LM3668, a high-efficiency buck or boost DC-DC converter, delivers a constant voltage from either a single
Li-Ion or three cell NIMH/NiCd battery to portable devices such as mobile phones and PDAs. Using a voltage
mode architecture with synchronous rectification, the device has the ability to deliver up to 1 A, depending on the
input voltage, output voltage, ambient temperature and the chosen inductor.
In addition, the device incorporates a seamless transition from buck-to-boost or boost-to-buck mode. The internal
error amplifier continuously monitors the output to determine the transition from buck-to-boost or boost-to-buck
operation. Figure 40 shows the four switches network used for the buck and boost operation. Table 1
summarizes the state of the switches in different modes.
There are three modes of operation depending on the current required: Pulse Width Modulation (PWM), Pulse
Frequency Modulation (PFM), and shutdown. The device operates in PWM mode at load currents of
approximately 80 mA or higher to improve efficiency. Lighter load current causes the device to automatically
switch into PFM mode to reduce current consumption and extend battery life. Shutdown mode turns off the
device, offering the lowest current consumption.
Figure 40. Simplified Diagram of Switches
Table 1. State of Switches in Different Modes
MODE
ALWAYS ON
ALWAYS OFF
SWITCHING
Buck
SW P2
SW N2
SW P1 & N1
Boost
SW P1
SW N1
SW N2 & P2
Copyright © 2007–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM3668



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com