Electronic Components Datasheet Search
  English  ▼

X  

LM3686 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM3686
Description  Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3686 Datasheet(HTML) 4 Page - Texas Instruments

  LM3686 Datasheet HTML 1Page - Texas Instruments LM3686 Datasheet HTML 2Page - Texas Instruments LM3686 Datasheet HTML 3Page - Texas Instruments LM3686 Datasheet HTML 4Page - Texas Instruments LM3686 Datasheet HTML 5Page - Texas Instruments LM3686 Datasheet HTML 6Page - Texas Instruments LM3686 Datasheet HTML 7Page - Texas Instruments LM3686 Datasheet HTML 8Page - Texas Instruments LM3686 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
1.8V
VOUT-DCDC
0V
VOUT-LILO
FET OF LILO (SMALL NMOS)
IOUT-LILO 7 50 mA
IOUT-LILO > 50 mA
LARGE NMOS
(SMALL NMOS TO LARGE NMOS TRANSITION)
0V
1.2V
LM3686
SNVS520E – AUGUST 2008 – REVISED MAY 2013
www.ti.com
Enable Combinations
EN_DCDC
EN_LILO
EN_LDO
Function
0
0
0
No Outputs
0
0
1
Linear Regulator enabled only (EN_LDO), supply from VIN_LDO, IOUT_MAX = 300
mA
0
1
0
Linear Regulator enabled only LILO supplies from VIN_LDO,
IOUT_MAX = 50 mA, VIN_LDO > = VOUT_LILO
1
0
0
DC-DC converter enabled only
1
1
0
Linear Regulator & DCDC enabled
1) VIN_LILO < VOUT_LILO + 150 mV (typ.), the small NMOS device is active (IMAX
= 50 mA) and supplied by VIN_LDO.
2) If VIN_LILO > VOUT_LILO + 250 mV (typ.), the large NMOS device is active (IMAX
= 350 mA) and supplied by VIN_LILO. Maxium current of DC-DC when EN_LILO =
High is 250 mA(1)(2)
1
1
1
DC-DC converter and linear regulator active.
Linear regulator starts after DC-DC converter.
(1)
The LILO is turned on via a small NMOS device supplied by VIN_LDO . The maximum current is 50 mA when this small NMOS is ON. If
higher current > 50 mA is desired the following condition must be done: EN_DC = HIGH .
(2)
When the switcher is enabled, a transition occurs from the small NMOS to a larger NMOS. The transition occurs when VIN_LILO >
VOUT_LILO + 250 mV. If VIN_LILO < VOUT_LILO + 150 mV, the LILO switches back to small NMOS (Switcher EN = low).
Figure 4. Mode Transition
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com