Electronic Components Datasheet Search
  English  ▼

X  

LM3686 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM3686
Description  Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3686 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM3686 Datasheet HTML 5Page - Texas Instruments LM3686 Datasheet HTML 6Page - Texas Instruments LM3686 Datasheet HTML 7Page - Texas Instruments LM3686 Datasheet HTML 8Page - Texas Instruments LM3686 Datasheet HTML 9Page - Texas Instruments LM3686 Datasheet HTML 10Page - Texas Instruments LM3686 Datasheet HTML 11Page - Texas Instruments LM3686 Datasheet HTML 12Page - Texas Instruments LM3686 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
LM3686
www.ti.com
SNVS520E – AUGUST 2008 – REVISED MAY 2013
Electrical Characteristics
DC-DC Converter
(1) (2) (3) (4)
Limit
Symbol
Parameter
Conditions
Units
Min
Typ
Max
VFB_DCDC
Feedback Voltage
PWM Mode(5)
1.8
1.746
1.836
V
Accuracy
VREF
Internal reference
0.5
V
voltage
RDSON(P)
Pin-Pin Resistance for
VBATT = 3.6V
350
450
m
Ω
PFET
ISW = 100 mA
RDSON(N)
Pin-Pin Resistance for
VBATT = 3.6V
150
250
m
Ω
NFET
ISW = 100 mA
IQ_AUTO
Quiescent current for
No load, device is not switching, FB = HIGH
28
40
µA
auto mode
ILIM
Switch peak current
Open loop
1.035
1.220
1.375
A
limit
FOSC
Internal Oscillator
PWM Mode
2.4
3
3.4
MHz
Frequency
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical (typ.) numbers represent the most likely norm. Unless
otherwise specified, conditions for typ. specifications are: VBATT = 3.6V and TA = 25°C.
(3)
The parameters in the electrical characteristic table are tested at VBATT = 3.6V unless otherwise specified. For performance over the
input voltage range refer to datasheet curves.
(4)
The input voltage range recommended for ideal applications performance for the specified output voltages is given below:VBATT = 2.7V
to 5.5V for 1.0V
≤ VOUT_DCDC < 1.8VVBATT = (VOUT_DCDC + 1V) to 5.5V for 1.8V ≤ VOUT_DCDC < 3.6V
(5)
Electrical Characteristic table reflects open loop data (FB = 0V and current drawn from SW pin ramped up until cycle by cycle current
limit is activated). Closed loop current limit is the peak inductor current measured in the application circuit by increasing output current
until output voltage drops by 10%.
Electrical Characteristics
Global Parameters (DCDC, LILO, & LDO)
(1) (2) (3) (4)
Typical Limit
Symbol
Parameter
Conditions
Units
Min
Typ
Max
Full power mode
IOUT_DCDC = IOUT_LILO = IOUT_LDO = 0 mA, DC-DC
Quiescent current into
IQ_VBATT
is not switching (FB_DCDC forced higher than
100
130
µA
VBATT
VOUT_DCDC)
Ven = 1.1V,
Shutdown current into
VEN_DCDC = VEN_LILO = VEN_LDO = 0V
IQ_GLOBAL
2.5
4
µA
VBATT
Enable Pins (EN_DCDC, EN_LILO, EN_LDO)
IEN
Enable pin input
All EN = 0V
.01
1
µA
current
VIH
Logic high input
1.1
V
VIL
Logic low input
0.40
V
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical (typ.) numbers represent the most likely norm. Unless
otherwise specified, conditions for typ. specifications are: VBATT = 3.6V and TA = 25°C.
(3)
The parameters in the electrical characteristic table are tested at VBATT = 3.6V unless otherwise specified. For performance over the
input voltage range refer to datasheet curves.
(4)
The input voltage range recommended for ideal applications performance for the specified output voltages is given below:VBATT = 2.7V
to 5.5V for 1.0V
≤ VOUT_DCDC < 1.8VVBATT = (VOUT_DCDC + 1V) to 5.5V for 1.8V ≤ VOUT_DCDC < 3.6V
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com