Electronic Components Datasheet Search
  English  ▼

X  

LM3686 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LM3686
Description  Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3686 Datasheet(HTML) 2 Page - Texas Instruments

  LM3686 Datasheet HTML 1Page - Texas Instruments LM3686 Datasheet HTML 2Page - Texas Instruments LM3686 Datasheet HTML 3Page - Texas Instruments LM3686 Datasheet HTML 4Page - Texas Instruments LM3686 Datasheet HTML 5Page - Texas Instruments LM3686 Datasheet HTML 6Page - Texas Instruments LM3686 Datasheet HTML 7Page - Texas Instruments LM3686 Datasheet HTML 8Page - Texas Instruments LM3686 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
VREF
digital
driver
VIN_LILO
QGND
(Analog ground)
VBATT
SW
PGND
(Power ground)
VOUT_LILO
LILO
LDO
Buck System
VOUT_LDO
VIN_LDO/VIN_VBATT
Analog
Buck
(e.g., error amp)
VBATT
SW
PGND
QGND
EN_DCDC
EN_LDO
2.7V to 5.5V
Dual Rail
LILO
350 mA
3 MHz
DC/DC
Linear Regulator
300 mA
1 PH
10 PF
0603
0.7V to 2V
350 mA
LILO
LDO
300 mA
2.2 PF,
0402
1.2 to 3.3V
FB_DCDC
LM3686
4.7 PF, 0603
VIN_LILO
VIN_LDO
EN_LILO
QGND
1 PF, 0402
QGND
PGND
PGND
1.8V
1 PF,
0402
QGND
LM3686
SNVS520E – AUGUST 2008 – REVISED MAY 2013
www.ti.com
DESCRIPTION (CONTINUED)
The LM3686 is available in a 12-bump DSBGA package. A high-switching frequency of 3 MHz (typ.) allows the
use of a few tiny surface-mount components. Only six external surface-mount components, an inductor and five
ceramic capacitors, are required to establish a 15.66 mm2 total solution size.
Typical Application Circuit
Figure 1. Typical Application
Figure 2. Functional Diagram (Always Connenct VIN_LDO to VBATT)
2
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com