Electronic Components Datasheet Search
  English  ▼

X  

LM3686 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # LM3686
Description  Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3686 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3686 Datasheet HTML 3Page - Texas Instruments LM3686 Datasheet HTML 4Page - Texas Instruments LM3686 Datasheet HTML 5Page - Texas Instruments LM3686 Datasheet HTML 6Page - Texas Instruments LM3686 Datasheet HTML 7Page - Texas Instruments LM3686 Datasheet HTML 8Page - Texas Instruments LM3686 Datasheet HTML 9Page - Texas Instruments LM3686 Datasheet HTML 10Page - Texas Instruments LM3686 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
LM3686
www.ti.com
SNVS520E – AUGUST 2008 – REVISED MAY 2013
Electrical Characteristics
Linear Regulator — LILO (EN_DCDC = EN_LILO = ON - Large NMOS)
(1)(2)(3)(4) (continued)
Limits in standard typeface are for TA = 25°C. Limits appearing in boldface type apply over the full operating ambient
temperature range: -40°C
≤ TA= TJ ≤ +85°C. Unless otherwise noted, specifications apply to the closed loop typical
application circuits (linear regulator) with VIN_LDO = VBATT = 3.6V
(5) , V
IN_LILO = VOUT_DCDC(NOM), VEN (All) = VBATT, CIN_DC = 4.7 µF,
COUT_LILO = 2.2 µF, CIN_LDO = 1.0 µF , COUT_LDO = 1.0 µF ,COUT_DC = C IN_LILO = 10 µF
Limits
Symbol
Parameter
Condition
Units
Min
Typ
Max
LILO (EN_DCDC = OFF, EN_LILO = ON - SMALL NMOS)
ΔVOUT_LILO /
Output Voltage
IOUT = 1 mA to 50 mA
1.176
1.224
VOUT_LILO
Accuracy,
V
VOUT_LILO
ΔVOUT_LILO /
Line Regulation
VIN_LILO = (VOUT_LILO + 0.3V) to 5.5V
0.4
1.5
mV/V
ΔVBATT
(Small NMOS)(8)
ISC_LILO
Short circuit current
VOUT_LILO = GND
70
mA
TSTARTUP
Start up time
EN to 0.95VOUT
70
µS
System Characteristic(9)
PSRR
Signal to VBATT = 3.6V,
VIN_LILO = 1.8V
68
IOUT = 200 mA,
Power Supply Rejection
f = 100 Hz
dB
Ratio(10)
Signal to VIN_LILO = 1.8V
IOUT = 200 mA,
60
f = 1kHz
eN_LILO
BW = 10 Hz to 100 kHz,
VIN_LILO = 1.8V,
Output Noise voltage(10)
166
µVRMS
IOUT = 200 mA,
VIN_LDO = 3.6V
ΔVOUT_LILO
Dynamic load transient
Pulsed load 1 mA - 350 mA
+/- 30(11)
mV
response
di/dt = 350 mA/1µS
ΔVIN_LILO
Dynamic line transient
VBATT = 3.1V to 3.7V
response on VBATT
VIN_LILO = VOUT_DCDC
+/-15(11)
mV
tr, tf = 10 µS, IOUT = 200 mA
(8)
To calculate the output voltage from the line regulation specified, use the following equation:
ΔVOUT = Line Regulation (%/V) x Nominal
VOUT (V) x ΔVIN (V).
(9)
Specified by design. Not production tested.
(10) The noise performance target is applied to PWM mode operation and this does not apply when DCDC converter is operating in PFM
mode.
(11) For line and load transient specifications, the + symbol represents an overshoot in the output voltage and the – symbol represents an
undershoot in the output voltage. The first value signifies overshoot or undershoot at the rising edge and the second value signifies the
overshoot or undershoot at the falling edge.
Electrical Characteristics
Linear Regulator — LDO
(1) (2) (3) (4)
Typical Limit
Symbol
Parameter
Conditions
Units
Min
Typ
Max
VIN_LDO
LDO input voltage range
2.7
5.5
V
Output voltage
2.744
2.8
2.856
ΔVOUT_LDO/VOUT_
VIN = 3.6V
accuracy,
V
LDO
IOUT_LDO = 1 mA & 300 mA
2.94
3.0
3.06
VOUT_LDO
ΔVOUT_LDO/ΔmA
Load regulation(5)
IOUT_LDO = 1 mA & 300 mA
8
µV/mA
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Min and Max limits are specified by design, test, or statistical analysis. Typical (typ.) numbers represent the most likely norm. Unless
otherwise specified, conditions for typ. specifications are: VBATT = 3.6V and TA = 25°C.
(3)
The parameters in the electrical characteristic table are tested at VBATT = 3.6V unless otherwise specified. For performance over the
input voltage range refer to datasheet curves.
(4)
The input voltage range recommended for ideal applications performance for the specified output voltages is given below:VBATT = 2.7V
to 5.5V for 1.0V
≤ VOUT_DCDC < 1.8VVBATT = (VOUT_DCDC + 1V) to 5.5V for 1.8V ≤ VOUT_DCDC < 3.6V
(5)
To calculate the output voltage from the load regulation specified, use the following equation:
ΔVOUT = Load Regulation (%/mA) x
Nominal VOUT (V) x ΔIOUT (mA).
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com