Electronic Components Datasheet Search
  English  ▼

X  

LM3686 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3686
Description  Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3686 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3686 Datasheet HTML 7Page - Texas Instruments LM3686 Datasheet HTML 8Page - Texas Instruments LM3686 Datasheet HTML 9Page - Texas Instruments LM3686 Datasheet HTML 10Page - Texas Instruments LM3686 Datasheet HTML 11Page - Texas Instruments LM3686 Datasheet HTML 12Page - Texas Instruments LM3686 Datasheet HTML 13Page - Texas Instruments LM3686 Datasheet HTML 14Page - Texas Instruments LM3686 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LM3686
www.ti.com
SNVS520E – AUGUST 2008 – REVISED MAY 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, typical application (post regulation), VBATT = 3.6V, TA = 25°C, enable pins tied to VBATT, VOUT_DCDC
= 1.8V, VOUT_LILO = 1.2V, VOUT_LDO = 2.8V
Switching Frequency
Current Limit
vs.
vs.
Temperature
Temperature (Open Loop)
Figure 10.
Figure 11.
RDSON
vs.
Temperature
Startup (all three enables tied together)
Figure 12.
Figure 13.
VBATT Line Transient Response
Line Transient Response
Figure 14.
Figure 15.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM3686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com