Electronic Components Datasheet Search
  English  ▼

X  

LM3686 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3686
Description  Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3686 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3686 Datasheet HTML 12Page - Texas Instruments LM3686 Datasheet HTML 13Page - Texas Instruments LM3686 Datasheet HTML 14Page - Texas Instruments LM3686 Datasheet HTML 15Page - Texas Instruments LM3686 Datasheet HTML 16Page - Texas Instruments LM3686 Datasheet HTML 17Page - Texas Instruments LM3686 Datasheet HTML 18Page - Texas Instruments LM3686 Datasheet HTML 19Page - Texas Instruments LM3686 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
LM3686
SNVS520E – AUGUST 2008 – REVISED MAY 2013
www.ti.com
Soft Start
The DC-DC converter has a soft-start circuit that limits in-rush current during start-up. During start-up the switch
current limit is increased in steps. Soft start is activated only if EN_DCDC goes from logic low to logic high after
VBATT reaches 2.7V. Soft start is implemented by increasing switch current limit in steps of 200 mA, 400 mA, 600
mA and 1220 mA (typical switch current limit). The start-up time thereby depends on the output capacitor and
load current demanded at start-up. Typical start-up times with a 10 µF output capacitor and 200 mA load is 350
µs and with 1 mA load is 200 µs.
LINEAR REGULATOR OPERATION (LILO)
In the typical post regulation application the power input voltage VIN_LILO for the linear regulator is generated by
the DC-DC converter. Using a buck converter to reduce the battery voltage to a lower input voltage for the linear
regulator translates to higher efficiency and lower power dissipation.
It's also possible to operate the linear regulator independent of the DC-DC converter output voltage either from
VIN_LDO/VBATT or from a different source (VIN_LILO) - (IOUT_LILO = 50 mA max in independent mode).
An input capacitor of 1 µF at VIN_LILO is needed to be added if no other filter or bypass capacitor is present in the
VIN_LILO path.
Startup Mode
If VIN_LILO > VOUT_LILO(NOM) + 250 mV the main regulator is active, offering a rated output current of 350 mA and
supplied by VIN_LILO. (Large NMOS)
If VIN_LILO < VOUT_LILO(NOM) + 150 mV the startup LILO is active, providing a reduced rated output current of 50 mA
typical, supplied by VBATT. (Small NMOS)
Figure 23. Startup Sequence, VEN_DCDC = VEN_LILO = V EN_LDO= VBATT
Current Limiting (LDO and LILO)
The LM3686 incorporates also a current limit for the LDO and LILO to protect itself and external components
during overload conditions at their outputs. In the event of a peak over-current condition at VOUT_LDO or VOUT_LILO
the output current through the NFET pass device will be limited.
16
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: LM3686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com