Electronic Components Datasheet Search
  English  ▼

X  

LM3686 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3686
Description  Step-Down DC-DC Converter with Integrated Post Linear Regulators System and Low-Noise Linear Regulator
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM3686 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3686 Datasheet HTML 13Page - Texas Instruments LM3686 Datasheet HTML 14Page - Texas Instruments LM3686 Datasheet HTML 15Page - Texas Instruments LM3686 Datasheet HTML 16Page - Texas Instruments LM3686 Datasheet HTML 17Page - Texas Instruments LM3686 Datasheet HTML 18Page - Texas Instruments LM3686 Datasheet HTML 19Page - Texas Instruments LM3686 Datasheet HTML 20Page - Texas Instruments LM3686 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
¸
¹
·
¨
©
§
x
x
x
f
1
L
2
!
ISAT
IOUTMAX + IRIPPLE
where IRIPPLE =
VOUT
VBATT
¸
¹
·
¨
©
§
¸
¹
·
¨
©
§V
BATT - V
OUT
LM3686
www.ti.com
SNVS520E – AUGUST 2008 – REVISED MAY 2013
APPLICATION INFORMATION
Application Selection
It is strongly recommended to select the required components of LM3686 as described within the datasheet. If
other components are selected, the device will not perform up to standard and electrical characteristics cannot
be ensured.
Inductor Selection
There are two main considerations when choosing an inductor; the inductor should not saturate, and the inductor
current ripple should be small enough to achieve the desired output voltage ripple. Different saturation current
rating specifications are followed by different manufacturers so attention must be given to details. Saturation
current ratings are typically specified at 25°C. However, ratings at the maximum ambient temperature of
application should be requested from the manufacturer. The minimum value of inductance to ensure good
performance is 0.7 µH at ILIM (typ) dc current over the ambient temperature range. Shielded inductors
radiate less noise and should be preferred. There are two methods to choose the inductor saturation current
rating.
METHOD 1
The saturation current should be greater than the sum of the maximum load current and the worst case average
to peak inductor current. This can be written as:
ISAT > IOUT_DCDC_MAX + IRIPPLE
(1)
where
•
IRIPPLE: average to peak inductor current
•
IOUT_DCDCMAX: maximum load current (600 mA)
•
VBATT: maximum input voltage in application
•
L: minimum inductor value including worst case tolerances (30% drop can be considered for method 1)
•
f: minimum switching frequency (2.55 MHz)
(2)
METHOD 2
A more conservative and recommended approach is to choose an inductor that has a saturation current rating
greater than the maximum current limit of 1375 mA.
A 1.0 µH inductor with a saturation current rating of at least 1375 mA is recommended for most applications. The
inductor’s resistance should be less than 0.3
Ω for good efficiency. Table 1 lists suggested inductors and
suppliers. For low-cost applications, an unshielded bobbin inductor could be considered. For noise critical
applications, a toroidal or shielded- bobbin inductor should be used. A good practice is to lay out the board with
overlapping footprints of both types for design flexibility. This allows substitution of a low-noise shielded inductor,
in the event that noise from low-cost bobbin models is unacceptable.
Table 1. Suggested Inductors and their Suppliers
Model
Vendor
Dimensions LxWxH (mm)
DCR (max)
BRL2518T1R0M
TAIYO YUDEN
2.5 X 1.8 X 1.2
80
MDT2520CR1R0M
TOKO
2.5 X 2.0 X 1.0
80
KSLI252010AG1R0
HITACHI METALS
2.5 X 2.0 X 1.0
75
External Capacitors
As common with most regulators, the LM3686 requires external capacitors to ensure stable operation. The
LM3686 is specifically designed for portable applications requiring minimum board space and the smallest size
components. These capacitors must be correctly selected for good performance.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3686



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com